Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB582IQ2T Datasheet(PDF) 32 Page - STMicroelectronics

Part # TSB582IQ2T
Description  200 mA output current with thermal shutdown and output current limiter, 3.1 MHz,36 V, BiCMOS dual operational amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB582IQ2T Datasheet(HTML) 32 Page - STMicroelectronics

Back Button TSB582IQ2T Datasheet HTML 26Page - STMicroelectronics TSB582IQ2T Datasheet HTML 27Page - STMicroelectronics TSB582IQ2T Datasheet HTML 28Page - STMicroelectronics TSB582IQ2T Datasheet HTML 29Page - STMicroelectronics TSB582IQ2T Datasheet HTML 30Page - STMicroelectronics TSB582IQ2T Datasheet HTML 31Page - STMicroelectronics TSB582IQ2T Datasheet HTML 32Page - STMicroelectronics TSB582IQ2T Datasheet HTML 33Page - STMicroelectronics TSB582IQ2T Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
List of tables
Table 1.
Pin description (SO8/DFN8) ............................................................ 2
Table 2.
Absolute maximum ratings ............................................................. 3
Table 3.
Operating condition .................................................................. 3
Table 4.
Electrical characteristics for VCC+ = 36 V, VCC- = 0 V, Vicm = Vout = Vcc/2, and Tamb = 25 °C (unless otherwise
specified) ......................................................................... 4
Table 5.
Electrical characteristics for VCC+ = 12 V, VCC- = 0 V, Vicm = Vout = Vcc/2, and Tamb = 25 °C (unless otherwise
specified) ......................................................................... 6
Table 6.
Electrical characteristics for VCC+ = 5 V, VCC- = 0 V, Vicm = Vout = Vcc/2, and Tamb = 25 °C (unless otherwise
specified). ......................................................................... 8
Table 7.
SO8 exposed pad mechanical data ...................................................... 25
Table 8.
DFN8 3x3 exposed pad, wettable flank mechanical data ........................................ 27
Table 9.
Order codes ...................................................................... 29
Table 10.
Document revision history ............................................................. 30
TSB582
List of tables
DS13378 - Rev 2
page 32/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com