Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB514IDT Datasheet(PDF) 20 Page - STMicroelectronics

Part # TSB514IDT
Description  Rail-to-rail inputs and outputs, 36 V, 6 MHz op amps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB514IDT Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TSB514IDT Datasheet HTML 16Page - STMicroelectronics TSB514IDT Datasheet HTML 17Page - STMicroelectronics TSB514IDT Datasheet HTML 18Page - STMicroelectronics TSB514IDT Datasheet HTML 19Page - STMicroelectronics TSB514IDT Datasheet HTML 20Page - STMicroelectronics TSB514IDT Datasheet HTML 21Page - STMicroelectronics TSB514IDT Datasheet HTML 22Page - STMicroelectronics TSB514IDT Datasheet HTML 23Page - STMicroelectronics TSB514IDT Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
6.4
SO14 package information
Figure 41. SO14 package outline
Table 12. SO14 mechanical data
Dimensions (1)
Symbol
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.35
1.75
0.05
0.068
A1
0.10
0.25
0.004
0.009
A2
1.10
1.65
0.04
0.06
B
0.33
0.51
0.01
0.02
C
0.19
0.25
0.007
0.009
D (2)
8.55
8.75
0.33
0.34
E
3.80
4.0
0.15
0.15
e
1.27
0.05
H
5.80
6.20
0.22
0.24
L
0.40
1.27
0.015
0.05
k
0°
8°
0°
8°
ddd
0.10
0.004
1. Drawing dimensions include “Single” and “Matrix” versions.
2. Dimension “D” does not include mold flash, protrusions or gate burrs. Mold flash, protrusions or gate burrs shall not exceed
0.15 mm per side.
TSB511, TSB512, TSB514
SO14 package information
DS13885 - Rev 1
page 20/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com