Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB514IDT Datasheet(PDF) 21 Page - STMicroelectronics

Part # TSB514IDT
Description  Rail-to-rail inputs and outputs, 36 V, 6 MHz op amps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB514IDT Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TSB514IDT Datasheet HTML 17Page - STMicroelectronics TSB514IDT Datasheet HTML 18Page - STMicroelectronics TSB514IDT Datasheet HTML 19Page - STMicroelectronics TSB514IDT Datasheet HTML 20Page - STMicroelectronics TSB514IDT Datasheet HTML 21Page - STMicroelectronics TSB514IDT Datasheet HTML 22Page - STMicroelectronics TSB514IDT Datasheet HTML 23Page - STMicroelectronics TSB514IDT Datasheet HTML 24Page - STMicroelectronics TSB514IDT Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
6.5
TSSOP14 package information
Figure 42. TSSOP14 package outline
D
b
A
A2
A1
aaa C
E1
c
14
8
1
7
e
PIN 1 IDENTIFICATION
E
k
L
L1
0.25 mm
GAGE PLANE
SEATING
PLANE
C
Table 13. TSSOP14 mechanical data
Symbol
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.20
0.047
A1
0.05
0.15
0.002
0.004
0.006
A2
0.80
1.00
1.05
0.031
0.039
0.041
b
0.19
0.30
0.007
0.012
c
0.09
0.20
0.004
0.0089
D
4.90
5.00
5.10
0.193
0.197
0.201
E
6.20
6.40
6.60
0.244
0.252
0.260
E1
4.30
4.40
4.50
0.169
0.173
0.176
e
0.65
0.0256
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
1.00
0.039
k
0°
8°
0°
8°
aaa
0.10
0.004
TSB511, TSB512, TSB514
TSSOP14 package information
DS13885 - Rev 1
page 21/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com