Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32C011D4P6 Datasheet(PDF) 74 Page - STMicroelectronics

Part # STM32C011D4P6
Description  Arm® Cortex®-M0 32-bit MCU, 32 KB Flash, 6 KB RAM,2 x USART, timers, ADC, comm. I/Fs, 2-3.6 V
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32C011D4P6 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button STM32C011D4P6 Datasheet HTML 70Page - STMicroelectronics STM32C011D4P6 Datasheet HTML 71Page - STMicroelectronics STM32C011D4P6 Datasheet HTML 72Page - STMicroelectronics STM32C011D4P6 Datasheet HTML 73Page - STMicroelectronics STM32C011D4P6 Datasheet HTML 74Page - STMicroelectronics STM32C011D4P6 Datasheet HTML 75Page - STMicroelectronics STM32C011D4P6 Datasheet HTML 76Page - STMicroelectronics STM32C011D4P6 Datasheet HTML 77Page - STMicroelectronics STM32C011D4P6 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 94 page
background image
Electrical characteristics
STM32C011x4/x6
74/94
DS13866 Rev 3
support Fm+ low-level output current maximum requirement. Refer to Section 5.3.13: I/O
port characteristics for the I2C I/Os characteristics.
All I2C SDA and SCL I/Os embed an analog filter. Refer to the following table for its
characteristics:
SPI/I2S characteristics
Unless otherwise specified, the parameters given in Table 61 for SPI are derived from tests
performed under the ambient temperature, fPCLKx frequency and supply voltage conditions
summarized in Table 23: General operating conditions. The additional general conditions
are:
•
OSPEEDRy[1:0] set to 11 (output speed)
•
capacitive load C = 30 pF
•
measurement points at CMOS levels: 0.5 x VDD
Refer to Section 5.3.13: I/O port characteristics for more details on the input/output alternate
function characteristics (NSS, SCK, MOSI, MISO for SPI).
Table 60. I2C analog filter characteristics(1)
Symbol
Parameter
Min
Max
Unit
tAF
Limiting duration of spikes suppressed
by the filter(2)
50
260
ns
1. Specified by design – Not tested in production.
2. Spikes shorter than the limiting duration are suppressed.
Table 61. SPI characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCK
1/tc(SCK)
SPI clock frequency
Master mode
2. V < VDD < 3.6 V
--
24
MHz
Master transmitter mode
2. V < VDD < 3.6 V
24
Slave receiver mode
24
Slave transmitter mode/full duplex(2)
2.7 V < VDD < 3.6 V
24
Slave transmitter mode/full duplex(2)
2 V < VDD < 3.6 V
22
tsu(NSS) NSS setup time
Slave mode
4 * TPCLK
--
ns
th(NSS) NSS hold time
2 * TPCLK
--
ns
tw(SCKH)
tw(SCKL)
SCK high and low time Master mode
TPCLK
- 1
TPCLK
TPCLK
+ 1
ns
-
SCK low time
Master mode
TPCLK
- 2
TPCLK
TPCLK
+ 2
ns
tsu(MI)
Data input setup time
Master mode
4.5
-
-
ns
tsu(SI)
Slave mode
2
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com