Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32C011D4P6 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM32C011D4P6
Description  Arm® Cortex®-M0 32-bit MCU, 32 KB Flash, 6 KB RAM,2 x USART, timers, ADC, comm. I/Fs, 2-3.6 V
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32C011D4P6 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM32C011D4P6 Datasheet HTML 5Page - STMicroelectronics STM32C011D4P6 Datasheet HTML 6Page - STMicroelectronics STM32C011D4P6 Datasheet HTML 7Page - STMicroelectronics STM32C011D4P6 Datasheet HTML 8Page - STMicroelectronics STM32C011D4P6 Datasheet HTML 9Page - STMicroelectronics STM32C011D4P6 Datasheet HTML 10Page - STMicroelectronics STM32C011D4P6 Datasheet HTML 11Page - STMicroelectronics STM32C011D4P6 Datasheet HTML 12Page - STMicroelectronics STM32C011D4P6 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 94 page
background image
DS13866 Rev 3
9/94
STM32C011x4/x6
Description
26
2
Description
The STM32C011x4/x6 mainstream microcontrollers are based on high-performance
Arm® Cortex®-M0+ 32-bit RISC core operating at up to 48 MHz frequency. Offering a high
level of integration, they are suitable for a wide range of applications in consumer, industrial
and appliance domains and ready for the Internet of Things (IoT) solutions.
The devices incorporate a memory protection unit (MPU), high-speed embedded memories
(6 Kbytes of SRAM and up to 32 Kbytes of flash program memory with read and write
protection), DMA, an extensive range of system functions, enhanced I/Os, and peripherals.
The devices offer standard communication interfaces (one I2Cs, one SPI / one I2S, and two
USARTs), one 12-bit ADC (2.5 MSps) with up to 15 channels, a low-power RTC, an
advanced control PWM timer, four general-purpose 16-bit timers, two watchdog timers, and
a SysTick timer.
The devices operate within ambient temperatures from -40 to 125°C and with supply
voltages from 2.0 V to 3.6 V. Optimized dynamic consumption combined with power-saving
modes allows the design of low-power applications.
The devices are housed in packages with 8 to 20 pins.
Table 2. STM32C011x4/x6 family device features and peripheral counts
Peripheral
STM32C011_
_J4
_J6
_D6
_F4
_F6
Flash memory (Kbyte)
16
32
32
16
32
SRAM (Kbyte)
6 with parity
Advanced control
1 (16-bit)
General-purpose
4 (16-bit)
SysTick
1
Watchdog
2
SPI [I2S](1)
1. The number in brackets denotes the count of SPI interfaces configurable as I2S interface.
1 [1]
I2C
1
USART
2
RTC / RNG / AES / VREFBUF
Yes / No / No / No
GPIOs
6
10
18
Wakeup pins
2
4
12-bit ADC channels (external + internal)
5 + 2
7 + 2
13 + 2
Max. CPU frequency
48 MHz
Operating voltage
2.0 to 3.6 V
Operating temperature(2)
2. Depends on order code. Refer to Section 7: Ordering information for details.
Ambient: -40 to 85 °C / -40 to 105 °C / -40 to 125 °C
Junction: -40 to 105 °C / -40 to 125 °C / -40 to 130 °C
Number of pins
8
12
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com