Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3P4MH Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 3P4MH
Description  THYRISTORS 3 A MOLD SCR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3P4MH Datasheet(HTML) 4 Page - Renesas Technology Corp

  3P4MH Datasheet HTML 1Page - Renesas Technology Corp 3P4MH Datasheet HTML 2Page - Renesas Technology Corp 3P4MH Datasheet HTML 3Page - Renesas Technology Corp 3P4MH Datasheet HTML 4Page - Renesas Technology Corp 3P4MH Datasheet HTML 5Page - Renesas Technology Corp 3P4MH Datasheet HTML 6Page - Renesas Technology Corp 3P4MH Datasheet HTML 7Page - Renesas Technology Corp 3P4MH Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet D13533EJ3V0DS
2
3P4MH, 3P6MH
ELECTRICAL CHARACTERISTICS (Tj = 25
°°°°C, RGK = 1 kΩ
Ω
Ω
Ω)
Parameter
Symbol
Conditions
Specifications
Unit
Remarks
MIN.
TYP.
MAX.
Tj = 25
°C
−−
100
µA
−
Repeat peak reverse
current
IRRM
VRM = VRRM
Tj = 125
°C
−−
2mA
−
Tj = 25
°C
−−
100
µA
−
Repeat peak off-current
IDRM
VDM = VDRM
Tj = 125
°C
−−
2mA
−
Critical rate-of-rise of off-
state voltage
dV/dt
Tj = 125
°C, VDM = 2
3
VDRM
−
3
−
V/
µs
−
On-state voltage
VTM
IT = 10 A
−−
1.6
V
Refer to Figure 1.
Gate trigger current
IGT
VDM = 6 V, RL = 100
Ω−
−
0.2
mA
Refer to Figure 14.
Gate trigger voltage
VGT
VDM = 6 V, RL = 100
Ω−
−
0.8
V
Gate non-trigger voltage
VGD
Tj = 125
°C,
VDM =
VDRM
2
0.2
−−
V
−
Holding current
IH
VDM = 24 V, ITM = 10 A
−
15
mA
−
Commutating turn-off time
Tq
Tj = 125
°C,
IT = 3 A, diR/dt = 15 A/
µs
VR
≥25 V, VDM = 2
3
VDRM
dVD/dt = 1 V/
µs
−
80
−
µs
−
Rth(j-c)
Junction-to-case DC
−−
8
°C/W Refer to Figure 13.
Thermal resistance
Rth(j-a)
Junction-to-ambient DC
−−
75
TYPICAL CHARACTERISTICS (Ta = 25
°°°°C)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com