Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3P4MH Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 3P4MH
Description  THYRISTORS 3 A MOLD SCR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3P4MH Datasheet(HTML) 1 Page - Renesas Technology Corp

  3P4MH Datasheet HTML 1Page - Renesas Technology Corp 3P4MH Datasheet HTML 2Page - Renesas Technology Corp 3P4MH Datasheet HTML 3Page - Renesas Technology Corp 3P4MH Datasheet HTML 4Page - Renesas Technology Corp 3P4MH Datasheet HTML 5Page - Renesas Technology Corp 3P4MH Datasheet HTML 6Page - Renesas Technology Corp 3P4MH Datasheet HTML 7Page - Renesas Technology Corp 3P4MH Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
To our customers,
Old Company Name in Catalogs and Other Documents
On April 1st, 2010, NEC Electronics Corporation merged with Renesas Technology
Corporation, and Renesas Electronics Corporation took over all the business of both
companies. Therefore, although the old company name remains in this document, it is a valid
Renesas Electronics document. We appreciate your understanding.
Renesas Electronics website: http://www.renesas.com
April 1st, 2010
Renesas Electronics Corporation
Issued by:
Renesas Electronics Corporation (http://www.renesas.com)
Send any inquiries to http://www.renesas.com/inquiry.


Similar Part No. - 3P4MH

ManufacturerPart #DatasheetDescription
logo
NEC
3P4MH NEC-3P4MH Datasheet
178Kb / 6P
THYRISTORS
logo
Tiger Electronic Co.,Lt...
3P4MH TGS-3P4MH Datasheet
160Kb / 1P
Triacs sensitive gate
logo
Kersemi Electronic Co.,...
3P4MH KERSEMI-3P4MH Datasheet
922Kb / 4P
Employs flame-retardant epoxy resin UL94V-0
More results

Similar Description - 3P4MH

ManufacturerPart #DatasheetDescription
logo
NEC
AC03DSM NEC-AC03DSM Datasheet
876Kb / 6P
3 A MOLD ISOLATED TRIAC
2S2M NEC-2S2M Datasheet
188Kb / 6P
THYRISTORS 2 A HIGH-SPEED SWITCHING SCR
AC03DJM NEC-AC03DJM Datasheet
303Kb / 6P
3 A MOLD TRIAC
03P2M NEC-03P2M Datasheet
462Kb / 4P
0.47 A(R.M.S.)ALL DIFFUSED MOLD TYPE SCR
03P4MG NEC-03P4MG Datasheet
155Kb / 6P
300 mA HIGH-WITHSTANDING-VOLTAGE MOLD SCR
8P2SMA NEC-8P2SMA Datasheet
238Kb / 6P
8A MOLD ISOLATED SCR
logo
Renesas Technology Corp
8P2SMA RENESAS-8P2SMA Datasheet
410Kb / 8P
8 A RESIN MOLD TYPE SCR
2011
5P4SMA RENESAS-5P4SMA Datasheet
406Kb / 8P
5 A RESIN MOLD TYPE SCR
1988
AC03DGM RENESAS-AC03DGM Datasheet
373Kb / 8P
3 A MOLD TRIAC
April 1st, 2010
AC03DSMA RENESAS-AC03DSMA Datasheet
363Kb / 8P
3 A RESIN MOLD TYPE TRIAC
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com