Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3P6MH Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 3P6MH
Description  THYRISTORS 3 A MOLD SCR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3P6MH Datasheet(HTML) 3 Page - Renesas Technology Corp

  3P6MH Datasheet HTML 1Page - Renesas Technology Corp 3P6MH Datasheet HTML 2Page - Renesas Technology Corp 3P6MH Datasheet HTML 3Page - Renesas Technology Corp 3P6MH Datasheet HTML 4Page - Renesas Technology Corp 3P6MH Datasheet HTML 5Page - Renesas Technology Corp 3P6MH Datasheet HTML 6Page - Renesas Technology Corp 3P6MH Datasheet HTML 7Page - Renesas Technology Corp 3P6MH Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1998
©
Document No. D13533EJ3V0DS00 (3rd edition)
Date Published April 2002 N CP(K)
Printed in Japan
THYRISTORS
3P4MH, 3P6MH
3 A MOLD SCR
DATA SHEET
2002
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
The 3P4MH and 3P6MH are P-gate fully diffused mold
SCRs with an average on-current of 3 A. The repeat peak off-
voltages (and reverse voltages) are 400 V and 600 V.
FEATURES
• This transistor features a small and lightweight package and
is easy to handle even on the mounting surface due to its
TO-202AA dimensions. Processing of lead wires
and
heatsink (tablet) using jigs is also possible.
• Employs flame-retardant epoxy resin (UL94V-0).
APPLICATIONS
Noncontact switches of consumer electronic euipments,
electric equipments, audio quipments, and light indutry
equipements
PACKAGE DRAWING (UNIT: mm)
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°°°°C)
Parameter
Symbol
3P4MH
3P6MH
Ratings
Unit
Non-repetitive peak reverse voltage
VRSM
500
700
V
RGK = 1 k
Ω
Non-repetitive peak off-state voltage
VDSM
500
700
V
RGK = 1 k
Ω
Repetitive peak reverse voltage
VRRM
400
600
V
RGK = 1 k
Ω
Repetitive peak off-voltage
VDRM
400
600
V
RGK = 1 k
Ω
Average on-state current
IT(AV)
3 (Tc = 87
°C, Single half-wave,
θ = 180°)A
Refer to Figure 11.
Effective on-state current
IT(RMS)
4.7
A
−
Surge on-state current
ITSM
65 (f = 50 Hz, Sine half-wave, 1 cycle)
70 (f = 60 Hz, Sine half-wave, 1 cycle)
A
Refer to Figure 2.
Fusing current
∫ it2dt
20 (1 ms
≤t≤10 ms)
A
2s
−
Critical rate of rise of on-state current
dIT/dt
50
A/
µs
−
Peak gate power dissipation
PGM
2 (f
≥50 Hz, Duty≤10%)
W
Refer to Figure 3.
Average gate power dissipation
PG(AV)
0.2
W
Peak gate forward current
IFGM
1 (f
≥50 Hz, Duty≤10%)
A
−
Peak gate reverse voltage
VRGM
6V
−
Junction temperature
Tj
−40 to +125
°C
−
Storage temperature
Tstg
−55 tp +150
°C
−
Electrode connection
<1>Cathode
<2>Anode
<3>Gate
Standard weight: 1.4
*TC test bench-mark



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com