Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3P6MH Datasheet (PDF) - Renesas Technology Corp

3P6MH Datasheet PDF - Renesas Technology Corp
Part # 3P6MH
Download  3P6MH Download
File Size   373.15 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description THYRISTORS 3 A MOLD SCR

3P6MH Datasheet (PDF)

Go To PDF Page Download Datasheet
3P6MH Datasheet PDF - Renesas Technology Corp

Part # 3P6MH
Download  3P6MH Click to download

File Size   373.15 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description THYRISTORS 3 A MOLD SCR

3P6MH Datasheet (HTML) - Renesas Technology Corp


3P6MH Product details

The 3P4MH and 3P6MH are P-gate fully diffused mold
SCRs with an average on-current of 3 A. The repeat peak offvoltages
(and reverse voltages) are 400 V and 600 V.
FEATURES
• This transistor features a small and lightweight package and
is easy to handle even on the mounting surface due to its
TO-202AA dimensions. Processing of lead wires and
heatsink (tablet) using jigs is also possible.
• Employs flame-retardant epoxy resin (UL94V-0).
APPLICATIONS
Noncontact switches of consumer electronic euipments,
electric equipments, audio quipments, and light indutry
equipements




Similar Part No. - 3P6MH

ManufacturerPart #DatasheetDescription
logo
NEC
3P6MH NEC-3P6MH Datasheet
178Kb / 6P
THYRISTORS
logo
Tiger Electronic Co.,Lt...
3P6MH TGS-3P6MH Datasheet
160Kb / 1P
Triacs sensitive gate
3P6MH TGS-3P6MH Datasheet
157Kb / 1P
Triacs sensitive gate
logo
Kersemi Electronic Co.,...
3P6MH KERSEMI-3P6MH Datasheet
922Kb / 4P
Employs flame-retardant epoxy resin UL94V-0
More results


Similar Description - 3P6MH

ManufacturerPart #DatasheetDescription
logo
NEC
AC03DSM NEC-AC03DSM Datasheet
876Kb / 6P
3 A MOLD ISOLATED TRIAC
2S2M NEC-2S2M Datasheet
188Kb / 6P
THYRISTORS 2 A HIGH-SPEED SWITCHING SCR
AC03DJM NEC-AC03DJM Datasheet
303Kb / 6P
3 A MOLD TRIAC
03P2M NEC-03P2M Datasheet
462Kb / 4P
0.47 A(R.M.S.)ALL DIFFUSED MOLD TYPE SCR
03P4MG NEC-03P4MG Datasheet
155Kb / 6P
300 mA HIGH-WITHSTANDING-VOLTAGE MOLD SCR
8P2SMA NEC-8P2SMA Datasheet
238Kb / 6P
8A MOLD ISOLATED SCR
logo
Renesas Technology Corp
8P2SMA RENESAS-8P2SMA Datasheet
410Kb / 8P
8 A RESIN MOLD TYPE SCR
2011
5P4SMA RENESAS-5P4SMA Datasheet
406Kb / 8P
5 A RESIN MOLD TYPE SCR
1988
AC03DGM RENESAS-AC03DGM Datasheet
373Kb / 8P
3 A MOLD TRIAC
April 1st, 2010
AC03DSMA RENESAS-AC03DSMA Datasheet
363Kb / 8P
3 A RESIN MOLD TYPE TRIAC
April 1st, 2010
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com