Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595AIY6QTR Datasheet(PDF) 2 Page - STMicroelectronics

Part # STM32U595AIY6QTR
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AIY6QTR Datasheet(HTML) 2 Page - STMicroelectronics

  STM32U595AIY6QTR Datasheet HTML 1Page - STMicroelectronics STM32U595AIY6QTR Datasheet HTML 2Page - STMicroelectronics STM32U595AIY6QTR Datasheet HTML 3Page - STMicroelectronics STM32U595AIY6QTR Datasheet HTML 4Page - STMicroelectronics STM32U595AIY6QTR Datasheet HTML 5Page - STMicroelectronics STM32U595AIY6QTR Datasheet HTML 6Page - STMicroelectronics STM32U595AIY6QTR Datasheet HTML 7Page - STMicroelectronics STM32U595AIY6QTR Datasheet HTML 8Page - STMicroelectronics STM32U595AIY6QTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 377 page
background image
STM32U59xxx
2/377
DS13633 Rev 1
General-purpose input/outputs
• Up to 156 fast I/Os with interrupt capability
most 5V-tolerant and up to 14 I/Os with
independent supply down to 1.08 V
Clock management
• 4 to 50 MHz crystal oscillator
• 32 kHz crystal oscillator for RTC (LSE)
• Internal 16 MHz factory-trimmed RC (± 1 %)
• Internal low-power 32 kHz RC (± 5 %)
• 2 internal multispeed 100 kHz to 48 MHz
oscillators, including one auto-trimmed by LSE
(better than ±0.25 % accuracy)
• Internal 48 MHz
• 5 PLLs for system clock, USB, audio, ADC, DSI
Security
• Arm® TrustZone® and securable I/Os,
memories, and peripherals
• Flexible life-cycle scheme with RDP and
password-protected debug
• Root of trust thanks to unique boot entry and
secure hide-protection area (HDP)
• Secure firmware installation (SFI) thanks to
embedded root secure services (RSS)
• Secure firmware upgrade support with TF-M
• HASH hardware accelerator
• True random number generator, NIST
SP800-90B compliant
• 96-bit unique ID
• 512-byte OTP (one-time programmable)
• Active tampers
Up to 17 timers, 2 watchdogs and RTC
• 19 timers: 2 16-bit advanced motor-control,
4 32-bit, 3 16-bit general purpose, 2 16-bit
basic, 4 low-power 16-bit (available in Stop
mode), 2 SysTick timers, and 2 watchdogs
• RTC with hardware calendar, alarms, and
calibration
Up to 25 communication peripherals
• 1 USB Type-C®/USB power delivery controller
• 1 USB OTG high-speed with embedded PHY
• 2 SAIs (serial-audio interface)
• 6 I2C FM+(1 Mbit/s), SMBus/PMBus™
• 7 USARTs (ISO 7816, LIN, IrDA, modem)
• 3 SPIs (6x SPIs with OCTOSPI/HSPI)
• 1 CAN FD controller
• 2 SDMMC interfaces
• 1 multi-function digital filter (6 filters) + 1 audio
digital filter with sound-activity detection
• Parallel synchronous slave interface
Mathematical coprocessor
• CORDIC for trigonometric functions
acceleration
• FMAC (filter mathematical accelerator)
Rich analog peripherals (independent
supply)
• 2 14-bit ADC 2.5-Msps with hardware
oversampling
• 1 12-bit ADC 2.5-Msps, with hardware
oversampling, autonomous in Stop 2 mode
• 12-bit DAC (2 channels), low-power sample,
and hold, autonomous in Stop 2 mode
• 2 operational amplifiers with built-in PGA
• 2 ultra-low-power comparators
ECOPACK2 compliant packages
Table 1. Device summary
Reference
Part numbers
STM32U59xxx
STM32U595AI, STM32U595AJ,
STM32U595QI, STM32U595QJ,
STM32U595RI, STM32U595RJ,
STM32U595VI, STM32U595VJ,
STM32U595ZI, STM32U595ZJ,
STM32U599BJ, STM32U599NI,
STM32U599NJ, STM32U599VI,
STM32U599VJ, STM32U599ZI,
STM32U599ZJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com