Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595AIY6QTR Datasheet(PDF) 32 Page - STMicroelectronics

Part # STM32U595AIY6QTR
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AIY6QTR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STM32U595AIY6QTR Datasheet HTML 28Page - STMicroelectronics STM32U595AIY6QTR Datasheet HTML 29Page - STMicroelectronics STM32U595AIY6QTR Datasheet HTML 30Page - STMicroelectronics STM32U595AIY6QTR Datasheet HTML 31Page - STMicroelectronics STM32U595AIY6QTR Datasheet HTML 32Page - STMicroelectronics STM32U595AIY6QTR Datasheet HTML 33Page - STMicroelectronics STM32U595AIY6QTR Datasheet HTML 34Page - STMicroelectronics STM32U595AIY6QTR Datasheet HTML 35Page - STMicroelectronics STM32U595AIY6QTR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 377 page
background image
Functional overview
STM32U59xxx
32/377
DS13633 Rev 1
The boot address option bytes allow any boot memory address to be programmed.
However, the allowed address space depends on the flash memory RDP level.
If the programmed boot memory address is out of the allowed memory mapped area when
RDP level is 0.5 or more, the default boot address is forced either in secure flash memory or
nonsecure flash memory, depending on TrustZone security option as described in the table
below.
Table 7. Boot modes when TrustZone is enabled (TZEN = 1)
BOOT_
LOCK
nBOOT0
FLASH_
OPTR[27]
BOOT0
pin
PH3
nSWBOOT0
FLASH_
OPTR[26]
RSS
com-
mand
Boot address
option-byte
selection
Boot area
ST
programmed
default value
0
-0
1
0
SECBOOTADD0
[24:0]
Secure boot address
defined by user
option bytes
SECBOOTADD0[24:0]
Flash:
0x0C00 0000
-1
1
0
N/A
RSS
RSS:
0x0FF8 0000
1-
0
0
SECBOOTADD0
[24:0]
Secure boot address
defined by user
option bytes
SECBOOTADD0[24:0]
Flash:
0x0C00 0000
0-
0
0
N/A
RSS
RSS:
0x0FF8 0000
--
-
≠0N/A
RSS
RSS:
0x0FF8 0000
1-
-
-
-
SECBOOTADD0
[24:0]
Secure boot address
defined by user
option bytes
SECBOOTADD0[24:0]
Flash:
0x0C00 0000
Table 8. Boot space versus RDP protection
RDP
TZEN = 1
TZEN = 0
0
Any boot address
Any boot address
0.5
Boot address only in RSS or secure flash memory:
0x0C00 0000 - 0x0C3F FFFF
Otherwise, forced boot address is 0x0FF8 0000.
N/A
1
Any boot address
2
Boot address only in flash memory:
0x0800 0000 - 0x083F FFFF
Otherwise, forced boot address is 0x0800 0000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com