Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS08MS Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ACS08MS
Description  Radiation Hardened Quad 2-Input AND Gate
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ACS08MS Datasheet(HTML) 2 Page - Renesas Technology Corp

  ACS08MS Datasheet HTML 1Page - Renesas Technology Corp ACS08MS Datasheet HTML 2Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FN3993 Rev.1.00
Page 2 of 2
July 1998
ACS08MS
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 1999. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
Die Characteristics
DIE DIMENSIONS:
Size: 2390
mx 2390m (94 mils x 94 mils)
Thickness: 525
m 25m (20.6 mils 1 mil)
Bond Pad: 110
m x 110m (4.3 mils x 4.3 mils)
METALLIZATION:
Al
Metal 1 Thickness: 0.7
m 0.1m
Metal 2 Thickness: 1.0
m 0.1m
SUBSTRATE POTENTIAL:
Unbiased Insulator
PASSIVATION
Type: Phosphorous Silicon Glass (PSG)
Thickness: 1.30
m 0.15m
SPECIAL INSTRUCTIONS:
Bond VCC First
ADDITIONAL INFORMATION:
Worst Case Density: <2.0 x 105 A/cm2
Transistor Count: 176
Metallization Mask Layout
ACS08MS
B1
A1
VCC
B4
Y1
A2
NC
B2
A4
Y4
NC
B3
Y2
GND
Y3
A3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com