Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS08MS Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ACS08MS
Description  Radiation Hardened Quad 2-Input AND Gate
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ACS08MS Datasheet(HTML) 1 Page - Renesas Technology Corp

  ACS08MS Datasheet HTML 1Page - Renesas Technology Corp ACS08MS Datasheet HTML 2Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FN3993 Rev.1.00
Page 1 of 2
July 1998
FN3993
Rev.1.00
July 1998
ACS08MS
Radiation Hardened Quad 2-Input AND Gate
DATASHEET
Features
• QML Qualified Per MIL-PRF-38535 Requirements
• 1.25Micron Radiation Hardened SOS CMOS
• Radiation Environment
- Latch-up Free Under any Conditions
- Total Dose . . . . . . . . . . . . . . . . . . . . . 3 x 105 RAD(Si)
- SEU Immunity . . . . . . . . . . .<1 x 10-10 Errors/Bit/Day
- SEU LET Threshold. . . . . . . . . . . >100MeV/(mg/cm2)
• Input Logic Levels . . VIL = (0.3)(VCC), VIH = (0.7)(VCC)
• Output Current . . . . . . . . . . . . . . . . . . . . . . ±
8mA (Min)
• Quiescent Supply Current . . . . . . . . . . . . . 100
A (Max)
• Propagation Delay . . . . . . . . . . . . . . . . . . . . 15ns (Max)
Applications
• High Speed Control Circuits
• Sensor Monitoring
• Low Power Designs
Description
The Radiation Hardened ACS08MS is a Quad 2-Input AND
Gate. For each gate, a HIGH level on both the A and B
inputs results in a HIGH level on the Y output. A LOW level
on either the A or B input results in a LOW level on the Y
output. All inputs are buffered and the outputs are designed
for balanced propagation delay and transition times.
The ACS08MS is fabricated on a CMOS Silicon on
Sapphire (SOS) process, which provides an immunity to
Single Event Latch-up and the capability of highly reliable
performance in any radiation environment. These devices
offer significant power reduction and faster performance
when compared to ALSTTL types.
Specifications for Rad Hard QML devices are controlled
by the Defense Supply Center in Columbus (DSCC). The
SMD numbers listed below must be used when ordering.
Detailed Electrical Specifications for the ACS08 are
contained in SMD 5962-95651.
Ordering Information
ORDERING NUMBER
INTERNAL MARKETING NUMBER
TEMP. RANGE (oC)
PACKAGE
DESIGNATOR
5962F9565101VCC
ACS08DMSR
-55 to 125
14 Ld SBDIP
CDIP2-T14
ACS08D/SAMPLE
ACS08D/SAMPLE
25
14 Ld SBDIP
CDIP2-T14
5962F9565101VXC
ACS08KMSR
-55 to 125
14 Ld Flatpack
CDFP4-F14
ACS08K/SAMPLE
ACS08K/SAMPLE
25
14 Ld Flatpack
CDFP4-F14
5962F9565101V9A
ACS08HMSR
25
Die
N/A
Pinouts
ACS08 (SBDIP)
TOP VIEW
ACS08 (FLATPACK)
TOP VIEW
A1
B1
Y1
A2
B2
Y2
GND
VCC
B4
A4
Y4
B3
A3
Y3
1
2
3
4
5
6
7
14
13
12
11
10
9
8
14
13
12
11
10
9
8
2
3
4
5
6
7
1
A1
B1
Y1
A2
B2
Y2
GND
VCC
B4
A4
Y4
B3
A3
Y3


Similar Part No. - ACS08MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS08MS INTERSIL-ACS08MS Datasheet
48Kb / 2P
Radiation Hardened Quad 2-Input AND Gate
July 1998
More results

Similar Description - ACS08MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS08MS INTERSIL-ACS08MS Datasheet
48Kb / 2P
Radiation Hardened Quad 2-Input AND Gate
July 1998
ACTS00MS INTERSIL-ACTS00MS Datasheet
85Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
April 1995
ACTS08MS INTERSIL-ACTS08MS Datasheet
77Kb / 8P
Radiation Hardened Quad 2-Input AND Gate
April 1995
HCS02MS INTERSIL-HCS02MS Datasheet
144Kb / 8P
Radiation Hardened Quad 2-Input NOR Gate
August 1995
HCS08MS INTERSIL-HCS08MS Datasheet
126Kb / 8P
Radiation Hardened Quad 2-Input AND Gate
August 1995
HCTS08MS INTERSIL-HCTS08MS Datasheet
159Kb / 10P
Radiation Hardened Quad 2-Input AND Gate
August 1995
logo
Texas Instruments
SN54AC00-SP TI1-SN54AC00-SP_16 Datasheet
103Kb / 8P
Radiation Hardened Quad 2 Input NAND Gate
logo
Renesas Technology Corp
HCS00MS RENESAS-HCS00MS Datasheet
363Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
August 1995
HCS08MS RENESAS-HCS08MS Datasheet
488Kb / 8P
Radiation Hardened Quad 2-Input AND Gate
August 1995
HCTS08MS RENESAS-HCTS08MS Datasheet
369Kb / 8P
Radiation Hardened Quad 2-Input AND Gate
August 1995
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com