Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS03D/SAMPLE Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ACS03D/SAMPLE
Description  Radiation Hardened Quad 2-InputNAND Gate with Open Drain
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ACS03D/SAMPLE Datasheet(HTML) 1 Page - Renesas Technology Corp

  ACS03D/SAMPLE Datasheet HTML 1Page - Renesas Technology Corp ACS03D/SAMPLE Datasheet HTML 2Page - Renesas Technology Corp ACS03D/SAMPLE Datasheet HTML 3Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FN3064 Rev 1.00
Page 1 of 3
January 1996
FN3064
Rev 1.00
January 1996
ACS03MS
Radiation Hardened Quad 2-InputNAND Gate with Open Drain
DATASHEET
Features
• Devices QML Qualified in Accordance with MIL-PRF-
38535
• Detailed Electrical and Screening Requirements are
Contained in SMD# 5962-96703 and Intersil’s QM Plan
• 1.25 Micron Radiation Hardened SOS CMOS
• Total Dose >300K RAD (Si)
• Single Event Upset (SEU) Immunity: <1 x 10-10
Errors/Bit/Day (Typ)
• SEU LET Threshold>100 MEV-cm2/mg
• Dose Rate Upset>1011 RAD (Si)/s, 20ns Pulse
• Dose Rate Survivability>1012 RAD (Si)/s, 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range-55oC to +125oC
• Significant Power Reduction Compared to ALSTTL
Logic
• DC Operating Voltage Range 4.5V to 5.5V
• Input Logic Levels
- VIL = 30% of VCC Max
- VIH = 70% of VCC Min
• Input Current
 1A at VOL, VOH
• Fast Propagation Delay15ns (Max), 10ns (Typ)
Description
The Intersil ACS03MS is a Radiation Hardened quad 2-input
NAND gate with open drain outputs. The open drain output
can drive resistive loads from a separate supply voltage.
The ACS03MS utilizes advanced CMOS/SOS technology to
achieve high-speed operation. This device is a member of a
radiation hardened, high-speed, CMOS/SOS Logic Family.
The ACS03MS is supplied in a 14 lead Ceramic Flatpack (K
suffix) or a Ceramic Dual-In-Line Package (D suffix).
Pinouts
14 PIN CERAMIC DUAL-IN-LINE
MIL-STD-1835 DESIGNATOR CDIP2-T14,
LEAD FINISH C
TOP VIEW
14 PIN CERAMIC FLATPACK
MIL-STD-1835 DESIGNATOR CDFP3-F14,
LEAD FINISH C
TOP VIEW
1
2
3
4
5
6
7
14
13
12
11
10
9
8
A1
B1
Y1
A2
B2
Y2
GND
VCC
B4
A4
Y4
B3
A3
Y3
14
13
12
11
10
9
8
2
3
4
5
6
7
1
A1
B1
Y1
A2
B2
Y2
GND
VCC
B4
A4
Y4
B3
A3
Y3
Ordering Information
PART NUMBER
TEMPERATURE RANGE
SCREENING LEVEL
PACKAGE
5962F9670301VCC
-55oC to +125oC
MIL-PRF-38535 Class V
14 Lead SBDIP
5962F9670301VXC
-55oC to +125oC
MIL-PRF-38535 Class V
14 Lead Ceramic Flatpack
ACS03D/Sample
25oC
Sample
14 Lead SBDIP
ACS03K/Sample
25oC
Sample
14 Lead Ceramic Flatpack
ACS03HMSR
25oCDie
Die


Similar Part No. - ACS03D/SAMPLE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS03D INTERSIL-ACS03D Datasheet
84Kb / 4P
Radiation Hardened Quad 2-Input NAND Gate with Open Drain
January 1996
More results

Similar Description - ACS03D/SAMPLE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS00MS INTERSIL-ACS00MS Datasheet
68Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
April 1995
ACS03MS INTERSIL-ACS03MS Datasheet
84Kb / 4P
Radiation Hardened Quad 2-Input NAND Gate with Open Drain
January 1996
ACS08MS INTERSIL-ACS08MS Datasheet
48Kb / 2P
Radiation Hardened Quad 2-Input AND Gate
July 1998
ACTS00MS INTERSIL-ACTS00MS Datasheet
85Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
April 1995
ACTS08MS INTERSIL-ACTS08MS Datasheet
77Kb / 8P
Radiation Hardened Quad 2-Input AND Gate
April 1995
HCS02MS INTERSIL-HCS02MS Datasheet
144Kb / 8P
Radiation Hardened Quad 2-Input NOR Gate
August 1995
HCS05MS INTERSIL-HCS05MS Datasheet
107Kb / 7P
Radiation Hardened Hex Inverter with Open Drain
September 1995
logo
Texas Instruments
SN54AC00-SP TI1-SN54AC00-SP_16 Datasheet
103Kb / 8P
Radiation Hardened Quad 2 Input NAND Gate
logo
Renesas Technology Corp
HCS00MS RENESAS-HCS00MS Datasheet
363Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
August 1995
HCS05MS RENESAS-HCS05MS Datasheet
316Kb / 7P
Radiation Hardened Hex Inverter with Open Drain
September 1995
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com