Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTS08MS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ACTS08MS
Description  Radiation HardenedQuad 2-Input AND Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ACTS08MS Datasheet(HTML) 3 Page - Renesas Technology Corp

  ACTS08MS Datasheet HTML 1Page - Renesas Technology Corp ACTS08MS Datasheet HTML 2Page - Renesas Technology Corp ACTS08MS Datasheet HTML 3Page - Renesas Technology Corp ACTS08MS Datasheet HTML 4Page - Renesas Technology Corp ACTS08MS Datasheet HTML 5Page - Renesas Technology Corp ACTS08MS Datasheet HTML 6Page - Renesas Technology Corp ACTS08MS Datasheet HTML 7Page - Renesas Technology Corp ACTS08MS Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ACTS08MS
FN3994 Rev 0.00
Page 3 of 8
April 1995
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Propagation Delay
Input to Output
TPHL
VCC = 4.5V, VIH = 3.0V,
VIL = 0V
9+25oC
2
13
ns
10, 11
+125oC, -55oC
2
15
ns
TPLH
VCC = 4.5V, VIH = 3.0V,
VIL = 0V
9+25oC
2
14
ns
10, 11
+125oC, -55oC
2
15
ns
NOTES:
1. All voltages referenced to device GND.
2. Measurements made with RL = 500
, CL = 50pF, Input TR = TF = 3ns.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTE
TEMP
LIMITS
UNITS
MIN
TYP
MAX
Capacitance Power
Dissipation
CPD
VCC = 5.0V, VIH = 5.0V,
VIL = 0V, f = 1MHz
1+25oC-
TBD
-
pF
1
+125oC-
TBD
-
pF
Input Capacitance
CIN
VCC = 5.0V, VIH = 5.0V,
VIL = 0V, f = 1MHz
1+25oC-
-
10
pF
1
+125oC-
-
10
pF
NOTE:
1. The parameters listed in Table 3 are controlled via design or process parameters. Min and Max Limits are guaranteed but not directly
tested. These parameters are characterized upon initial design release and upon design changes which affect these characteristics.
TABLE 4. DC POST RADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
TEMPERATURE
RAD LIMITS
UNITS
MIN
MAX
Supply Current
ICC
VCC = 5.5V, VIN = VCC or GND
+25oC
-
100
A
Delta ICC
ICC
VCC - 5.5V, VIN = VCC or GND
1 Input = 3.4V
+25oC-
1.6
mA
Output Current (Source)
IOH
VCC = VIH = 4.5V, VIL = 0,
VOUT = VCC -0.4V
+25oC-8
-
mA
Output Current (Sink)
IOL
VCC = VIH = 4.5V, VIL = 0,
VOUT = 0.4V
+25oC8
-
mA
Output Voltage High
VOH
VCC = 5.5V, VIH = 2.75V,
VIL = 0.80V, IOH = -50
A
+25oC
VCC -0.1
-
V
VCC = 4.5V, VIH = 2.25V,
VIL = 0.80V, IOH = -50
A
+25oC
VCC -0.1
-
V
Output Voltage Low
VOL
VCC = 5.5V, VIH = 2.75V,
VIL = 0.80V, IOH = 50
A
+25oC-
0.1
V
VCC = 4.5V, VIH = 2.25V,
VIL = 0.80V, IOH = 50
A
+25oC-
0.1
V
Input Leakage Current
IIN
VCC = 5.5V, VIN = VCC or GND
+25oC-
1
A
Noise Immunity
Functional Test
FN
VCC = 4.5V, VIH = 2.25V,
VIL = 0.80V (Note 2)
+25oC-
-
V
Propagation Delay
Input to Output
TPHL,
TPLH
VCC = 4.5V, VIH = 3.0V, VIL = 0V
+25oC
2
15
ns
NOTES:
1. All voltages referenced to device GND.
2. For functional tests, VO
4.0V is recognized as a logic “1”, and VO 0.5V is recognized as a logic “0”.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com