Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTS08MS Datasheet (PDF) - Renesas Technology Corp

ACTS08MS Datasheet PDF - Renesas Technology Corp
Part # ACTS08MS
Download  ACTS08MS Download
File Size   380.95 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation HardenedQuad 2-Input AND Gate

ACTS08MS Datasheet (PDF)

Go To PDF Page Download Datasheet
ACTS08MS Datasheet PDF - Renesas Technology Corp

Part # ACTS08MS
Download  ACTS08MS Click to download

File Size   380.95 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation HardenedQuad 2-Input AND Gate

ACTS08MS Datasheet (HTML) - Renesas Technology Corp


ACTS08MS Product details

Features
• 1.25 Micron Radiation Hardened SOS CMOS
• Total Dose 300K RAD (Si)
• Single Event Upset (SEU) Immunity
<1 x 10-10 Errors/Bit-Day (Typ)
• SEU LET Threshold >80 MEV-cm2/mg
• Dose Rate Upset >1011 RAD (Si)/s, 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to ALSTTL Logic
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
- VIL = 0.8V Max
- VIH = VCC/2 Min
• Input Current 1A at VOL, VOH

Description
The Intersil ACTS08MS is a radiation hardened quad 2-Input
AND Gate. A high on both inputs forces the output to a high
logic level.
The ACTS08MS utilizes advanced CMOS/SOS technology to
achieve high-speed operation. This device is a member of a
radiation hardened, high-speed, CMOS/SOS Logic Family




Similar Part No. - ACTS08MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACTS08MS INTERSIL-ACTS08MS Datasheet
77Kb / 8P
Radiation Hardened Quad 2-Input AND Gate
April 1995
More results


Similar Description - ACTS08MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS08MS INTERSIL-ACS08MS Datasheet
48Kb / 2P
Radiation Hardened Quad 2-Input AND Gate
July 1998
ACTS00MS INTERSIL-ACTS00MS Datasheet
85Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
April 1995
ACTS08MS INTERSIL-ACTS08MS Datasheet
77Kb / 8P
Radiation Hardened Quad 2-Input AND Gate
April 1995
HCS02MS INTERSIL-HCS02MS Datasheet
144Kb / 8P
Radiation Hardened Quad 2-Input NOR Gate
August 1995
HCS08MS INTERSIL-HCS08MS Datasheet
126Kb / 8P
Radiation Hardened Quad 2-Input AND Gate
August 1995
HCTS08MS INTERSIL-HCTS08MS Datasheet
159Kb / 10P
Radiation Hardened Quad 2-Input AND Gate
August 1995
logo
Texas Instruments
SN54AC00-SP TI1-SN54AC00-SP_16 Datasheet
103Kb / 8P
Radiation Hardened Quad 2 Input NAND Gate
logo
Renesas Technology Corp
ACS08MS RENESAS-ACS08MS Datasheet
228Kb / 2P
Radiation Hardened Quad 2-Input AND Gate
July 1998
HCS08MS RENESAS-HCS08MS Datasheet
488Kb / 8P
Radiation Hardened Quad 2-Input AND Gate
August 1995
HCTS08MS RENESAS-HCTS08MS Datasheet
369Kb / 8P
Radiation Hardened Quad 2-Input AND Gate
August 1995
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com