Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGT120R65AL Datasheet(PDF) 13 Page - STMicroelectronics

Part # SGT120R65AL
Description  650 V, 75 mΩ typ., 15 A, e-mode PowerGaN transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SGT120R65AL Datasheet(HTML) 13 Page - STMicroelectronics

Back Button SGT120R65AL Datasheet HTML 9Page - STMicroelectronics SGT120R65AL Datasheet HTML 10Page - STMicroelectronics SGT120R65AL Datasheet HTML 11Page - STMicroelectronics SGT120R65AL Datasheet HTML 12Page - STMicroelectronics SGT120R65AL Datasheet HTML 13Page - STMicroelectronics SGT120R65AL Datasheet HTML 14Page - STMicroelectronics SGT120R65AL Datasheet HTML 15Page - STMicroelectronics SGT120R65AL Datasheet HTML 16Page - STMicroelectronics SGT120R65AL Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
4.2
PowerFLAT 5x6 packing information
Figure 25. PowerFLAT 5x6 tape (dimensions are in mm)
(I) Measured from centreline of sprocket hole
to centreline of pocket.
(II) Cumulative tolerance of 10 sprocket
holes is ±0.20.
(III) Measured from centreline of sprocket
hole to centreline of pocket
Base and bulk quantity 3000 pcs
All dimensions are in millimeters
8234350_Tape_rev_C
Figure 26. PowerFLAT 5x6 package orientation in carrier tape
Pin 1 identification
SGT120R65AL
PowerFLAT 5x6 packing information
DS13322 - Rev 11
page 13/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com