Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP2HDM Datasheet(PDF) 6 Page - STMicroelectronics

Part # STGAP2HDM
Description  Galvanically isolated 4 A dual gate driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP2HDM Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STGAP2HDM Datasheet HTML 2Page - STMicroelectronics STGAP2HDM Datasheet HTML 3Page - STMicroelectronics STGAP2HDM Datasheet HTML 4Page - STMicroelectronics STGAP2HDM Datasheet HTML 5Page - STMicroelectronics STGAP2HDM Datasheet HTML 6Page - STMicroelectronics STGAP2HDM Datasheet HTML 7Page - STMicroelectronics STGAP2HDM Datasheet HTML 8Page - STMicroelectronics STGAP2HDM Datasheet HTML 9Page - STMicroelectronics STGAP2HDM Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
3.3
Recommended operating conditions
Table 4. Recommended operating conditions
Symbol
Parameter
Test conditions
Min.
Max.
Unit
VDD
Logic supply voltage vs. GND
3.1
5.5
V
VLOGIC
Logic pins voltage vs. GND
0
5.5
V
iLOCK
Interlocking Enable vs. GND
0
VDD
V
VH_x
Positive supply voltage
(VH_x vs. GNDISO_x)
26
V
GNDISOA-B(1)
Floating grounds differential voltage
(GNDISO_A - GNDISO_B)
-1700
+1700
V
VIORM
Primary to secondary ground
(GND - GNDISO_A); (GND - GNDISO_B)
-1200
+1200
V
FSW
Maximum switching frequency(2)
1
MHz
tOUT
Output pulse width (GON_x, GOFF_x vs GNDISO_x)
100
ns
TJ
Operating junction temperature
-40
125
°C
1. Characterization data, 1200 V max. tested in production.
2. Actual limit depends on power dissipation and TJ.
STGAP2HD
Recommended operating conditions
DS13652 - Rev 2
page 6/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com