Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP2HDM Datasheet(PDF) 8 Page - STMicroelectronics

Part # STGAP2HDM
Description  Galvanically isolated 4 A dual gate driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP2HDM Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STGAP2HDM Datasheet HTML 4Page - STMicroelectronics STGAP2HDM Datasheet HTML 5Page - STMicroelectronics STGAP2HDM Datasheet HTML 6Page - STMicroelectronics STGAP2HDM Datasheet HTML 7Page - STMicroelectronics STGAP2HDM Datasheet HTML 8Page - STMicroelectronics STGAP2HDM Datasheet HTML 9Page - STMicroelectronics STGAP2HDM Datasheet HTML 10Page - STMicroelectronics STGAP2HDM Datasheet HTML 11Page - STMicroelectronics STGAP2HDM Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Symbol
Pin
Parameter
Test conditions
Min.
Typ.
Max.
Unit
iLOCK_l
iLOCK
iLOCK low-level bias
current
iLOCK = GND
35
55
75
µA
iLOCK_h
iLOCK
iLOCK high-level bias
current
iLOCK = VDD
1
µA
iLOCK_pu
iLOCK
iLOCK pull-up resistor
66
90
142
kΩ
Driver buffer section
IGON
Source short-circuit
current
TJ = 25 °C
4
A
TJ = -40 / +125 °C (2)
3
5
VGONH
Source output high-level
voltage
IGON = 100 mA
VH-0.15
VH-0.125
V
RGON
Source RDS_ON
IGON = 100 mA
1.25
1.5
Ω
IGOFF
Sink short-circuit current
TJ = 25 °C
4
A
TJ = -40 / +125 °C (2)
3
5.5
VGOFFL
Sink output low-level
voltage
IGOFF = 100 mA
110
120
mV
RGOFF
Sink RDS_ON
IGOFF = 100 mA
1.1
1.2
Ω
Miller Clamp
VCLAMPth
CLAMP voltage
threshold
VCLAMP vs. GNDISO
1.3
2
2.6
V
ICLAMP
CLAMP short-circuit
current
VCLAMP = 15 V
A
TJ = 25 °C
4
TJ = -40 ÷ +125 °C (2)
2
5
VCLAMP_L
CLAMP low-level output
voltage
ICLAMP = 100 mA
96
115
mV
RCLAMP
CLAMP RDS_ON
ICLAMP = 100 mA
0.96
1.15
Ω
Overtemperature protection
TSD
Shutdown temperature (2)
170
°C
Thys
Temperature hysteresis
(2)
20
°C
Standby
tSTBY
Standby time
See Section 6.3
200
280
500
µs
tWUP
Wake-up time
See Section 6.3
10
20
35
µs
tawake
Wake-up delay
See Section 6.3
90
140
200
µs
tstbyfilt
Standby filter
See Section 6.3
200
280
800
ns
1. MT = max (|tDon(A) - tDon(B)|, |tDoff(A) - tDoff(B)|, |tDoff(A) - tDon(B)|, |tDoff(B) - tDon(A)|).
2. Characterization data, not tested in production.
STGAP2HD
Electrical characteristics
DS13652 - Rev 2
page 8/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com