Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9LPRS477C Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 9LPRS477C
Description  Programmable System Clock Chip for ATI RD790 - K8TM Based Systems
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9LPRS477C Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 9LPRS477C Datasheet HTML 17Page - Renesas Technology Corp 9LPRS477C Datasheet HTML 18Page - Renesas Technology Corp 9LPRS477C Datasheet HTML 19Page - Renesas Technology Corp 9LPRS477C Datasheet HTML 20Page - Renesas Technology Corp 9LPRS477C Datasheet HTML 21Page - Renesas Technology Corp 9LPRS477C Datasheet HTML 22Page - Renesas Technology Corp 9LPRS477C Datasheet HTML 23Page - Renesas Technology Corp 9LPRS477C Datasheet HTML 24Page - Renesas Technology Corp 9LPRS477C Datasheet HTML 25Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
IDT®
Programmable System Clock Chip for ATI RD790-K8TM Based Systems
1393—01/28/14
9LPRS477C
Programmable System Clock Chip for ATI RD790 - K8TM based Systems
21
Electrical Characteristics - USB - 48MHz
PARAMETER
SYMBOL
CONDITIONS*
MIN
TYP
MAX
UNITS NOTES
Long Accuracy
ppm
see Tperiod min-max values
-100
100
ppm
1,2
Clock period
T
period
48.00MHz output nominal
20.8229
20.8344
ns
2
Clock Low Time
T
low
Measure from< 0.6V
9.3750
11.4580
ns
2
Clock High Time
T
high
Measure from> 2.0V
9.3750
11.4580
ns
2
Output High Voltage
V
OH
I
OH = -1 mA
2.4
V
1
Output Low Voltage
V
OL
I
OL = 1 mA
0.55
V
1
V
OH @MIN = 1.0 V
-33
mA
1
V
OH@MAX = 3.135 V
-33
mA
1
V
OL @ MIN = 1.95 V
30
mA
1
V
OL @ MAX = 0.4 V
38
mA
1
Rise Time
t
rUSB
V
OL = 0.4 V, VOH = 2.4 V
0.5
1.5
ns
1
Fall Time
t
fUSB
V
OH = 2.4 V, VOL = 0.4 V
0.5
1.5
ns
1
Duty Cycle
d
t1
V
T = 1.5 V
45
55
%1
Group Skew
t
skew
V
T = 1.5 V
250
ps
1
Jitter, Cycle to cycle
t
jcyc-cyc
V
T = 1.5 V
130
ps
1,2
*TA = 0 - 70°C; Supply Voltage VDD = 3.3 V +/-5%, CL = 5pF w ith Rs = 33Ω (unless otherw ise specified)
1
Guaranteed by design and characterization, not 100% tested in production.
2
ICS recommended and/or chipset vendor layout guidelines must be follow ed to meet this specification
Output Low Current
I
OL
Output High Current
I
OH
Electrical Characteristics - REF-14.318MHz
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS Notes
Long Accuracy
ppm
see Tperiod min-max values
-300
300
ppm
1,2
Clock period
T
period
14.318MHz output nominal
69.8270
69.8550
ns
2
Clock Low Time
T
low
Measure from< 0.6V
30.9290
37.9130
ns
2
Clock High Time
T
high
Measure from> 2.0V
30.9290
37.9130
ns
2
Output High Voltage
V
OH
I
OH = -1 mA
2.4
V
1
Output Low Voltage
V
OL
I
OL = 1 mA
0.4
V
1
Output High Current
I
OH
V
OH @MIN = 1.0 V,
V
OH@MAX = 3.135 V
-29
-23
mA
1
Output Low Current
I
OL
V
OL @MIN = 1.95 V,
V
OL @MAX = 0.4 V
29
27
mA
1
Rise Time
t
r1
V
OL = 0.4 V, VOH = 2.4 V
1
1.5
ns
1
Fall Time
t
f1
V
OH = 2.4 V, VOL = 0.4 V
1
1.5
ns
1
Skew
t
sk1
V
T = 1.5 V
250
ps
1
Duty Cycle
d
t1
V
T = 1.5 V
45
55
%
1
Jitter
t
jcyc-cyc
V
T = 1.5 V
200
ps
1
*TA = 0 - 70°C; Supply Voltage VDD = 3.3 V +/-5%, CL = 5pF w ith Rs = 33Ω (unless otherw ise specified)
1
Guaranteed by design and characterization, not 100% tested in production.
2
All Long TermAccuracy and Clock Period specifications are guaranteed assuming that REFOUT is at 14.31818MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com