Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9QXL2000C Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 9QXL2000C
Description  20-Output Enhanced DB2000Q
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9QXL2000C Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 9QXL2000C Datasheet HTML 9Page - Renesas Technology Corp 9QXL2000C Datasheet HTML 10Page - Renesas Technology Corp 9QXL2000C Datasheet HTML 11Page - Renesas Technology Corp 9QXL2000C Datasheet HTML 12Page - Renesas Technology Corp 9QXL2000C Datasheet HTML 13Page - Renesas Technology Corp 9QXL2000C Datasheet HTML 14Page - Renesas Technology Corp 9QXL2000C Datasheet HTML 15Page - Renesas Technology Corp 9QXL2000C Datasheet HTML 16Page - Renesas Technology Corp 9QXL2000C Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
R31DS0118EU0101 Rev.1.01
Page 13
Apr 5, 2022
9QXL2000C Datasheet
Table 8. PCIe Refclk Additive Phase Jitter - Degraded Conditions
Parameter
Symbol
Conditions [1]
1. Differential input swing = 1600mV and input slew rate = 3.5V/ns.
Typical
Maximum
Industry
Limits
Unit
PCIe Gen1 (2.5 GT/s) [2][3][4][5]
2. The REFCLK jitter is measured after applying the filter functions found in PCI Express Base Specification 6.0, Revision 1.0. See the Test
Loads section of the data sheet for the exact measurement setup. The worst case results for each data rate are summarized in this table.
Equipment noise is removed from all measurements.
3. Jitter measurements shall be made with a capture of at least 100,000 clock cycles captured by a real-time oscilloscope (RTO) with a
sample rate of 20 GS/s or greater. Broadband oscilloscope noise must be minimized in the measurement. The measured PP jitter is
used (no extrapolation) for RTO measurements. Alternately, jitter measurements may be used with a Phase Noise Analyzer (PNA)
extending (flat) and integrating and folding the frequency content up to an offset from the carrier frequency of at least 200MHz (at
300MHz absolute frequency) below the Nyquist frequency. For PNA measurements for the 2.5 GT/s data rate, the RMS jitter is converted
to peak to peak jitter using a multiplication factor of 8.83. In the case where real-time oscilloscope and PNA measurements have both
been done and produce different results, the RTO result must be used.
4. SSC spurs from the fundamental and harmonics are removed up to a cutoff frequency of 2MHz taking care to minimize removal of non-
SSC content.
5. The rms sum of the source jitter and the additive jitter (arithmetic sum for PCIe Gen1) must be less than the jitter specification listed.
tjphPCIeG1-CC
Additive Phase Jitter,
Common Clocked
Architecture
692
839
86,000
fs pk-pk
PCIe Gen2 Hi-Band (5.0 GT/s)
[2][3][4][5]
tjphPCIeG2-CC
41
49
3,000
fs RMS
PCIe Gen2 Lo-Band (5.0 GT/s)
[2][3][4][5]
11
14
3,100
PCIe Gen3 (8.0 GT/s) [2][3][4][5]
tjphPCIeG3-CC
20
24
1,000
PCIe Gen4 (16.0 GT/s) [2][3][4][5][6]
6. Note that 700fs RMS is to be used in channel simulations to account for additional noise in a real system.
tjphPCIeG4-CC
20
24
500
PCIe Gen5 (32.0 GT/s) [2][3][4][5][7]
7. Note that 250fs RMS is to be used in channel simulations to account for additional noise in a real system.
tjphPCIeG5-CC
8
10
150
PCIe Gen6 (64.0 GT/s) [2][3][4][5][8]
8. Note that 150fs RMS is to be used in channel simulations to account for additional noise in a real system.
tjphPCIeG6-CC
5
6
100
PCIe Gen2 IR (5.0 GT/s) [2][3][9]
9. The PCI Express Base Specification 6.0, Revision 1.0 provides the filters necessary to calculate SRIS jitter values; it does not provide
specification limits, hence the reference to this footnote in the Limit column. SRIS values are informative only. A common practice is to
split the common clock budget in half. For 16GT/s data rates and above, the user must choose whether to use the output jitter
specification, or the input jitter specification, which includes an allocation for the jitter added by the channel. Using 32GT/s, the Refclk
jitter budget is 150fs RMS. One half of the Refclk jitter budget is 106fs RMS. At the clock input, the system must deliver 250fs RMS. One
half of this value is 177fs RMS. If the clock is placed next to the PCIe device in an SRIS system, the channel is very short and the user
may choose to use this more relaxed value as the jitter limit.
tjphPCIeG2-IR
IR (SRNS, SRIS)
Architecture
52
63
N/A
fs RMS
PCIe Gen3 IR (8.0 GT/s) [2][3][5][9]
tjphPCIeG3-IR
14
17
PCIe Gen4 IR (16.0 GT/s) [2][3][9]
tjphPCIeG4-IR
14
17
PCIe Gen5 IR (32.0 GT/s) [2][3][9]
tjphPCIeG5-IR
12
15
PCIe Gen6 IR (64.0 GT/s) [2][3][9]
tjphPCIeG6-IR
15
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com