Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9QXL2000C Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 9QXL2000C
Description  20-Output Enhanced DB2000Q
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9QXL2000C Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 9QXL2000C Datasheet HTML 15Page - Renesas Technology Corp 9QXL2000C Datasheet HTML 16Page - Renesas Technology Corp 9QXL2000C Datasheet HTML 17Page - Renesas Technology Corp 9QXL2000C Datasheet HTML 18Page - Renesas Technology Corp 9QXL2000C Datasheet HTML 19Page - Renesas Technology Corp 9QXL2000C Datasheet HTML 20Page - Renesas Technology Corp 9QXL2000C Datasheet HTML 21Page - Renesas Technology Corp 9QXL2000C Datasheet HTML 22Page - Renesas Technology Corp 9QXL2000C Datasheet HTML 23Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
© Integrated Device Technology, Inc.
72-VFQFPN, Package Outline Drawing
10.0 x 10.0 x 0.90 mm Body, Epad 5.95 x 5.95 mm 0.50mm Pitch
NLG72P1, PSC-4208-01, Rev 03, Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com