Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9SQL4952CNLGI8 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 9SQL4952CNLGI8
Description  3.3V PCIe® Gen1–5 and UPI Clock Generator Family
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9SQL4952CNLGI8 Datasheet(HTML) 5 Page - Renesas Technology Corp

  9SQL4952CNLGI8 Datasheet HTML 1Page - Renesas Technology Corp 9SQL4952CNLGI8 Datasheet HTML 2Page - Renesas Technology Corp 9SQL4952CNLGI8 Datasheet HTML 3Page - Renesas Technology Corp 9SQL4952CNLGI8 Datasheet HTML 4Page - Renesas Technology Corp 9SQL4952CNLGI8 Datasheet HTML 5Page - Renesas Technology Corp 9SQL4952CNLGI8 Datasheet HTML 6Page - Renesas Technology Corp 9SQL4952CNLGI8 Datasheet HTML 7Page - Renesas Technology Corp 9SQL4952CNLGI8 Datasheet HTML 8Page - Renesas Technology Corp 9SQL4952CNLGI8 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
5
©2020 Renesas Electronics Corporation
February 19, 2020
9SQL4952/9SQL4954/9SQL4958 Datasheet
9SQL4958 Pin Assignment
Figure 3. Pin Assignments for 6 × 6 mm 48-VFQFPN Package – Top View
Pin Descriptions
Table 1. Pin Descriptions
Name
Type
Description
9SQL4958
Pin No.
9SQL4954
Pin No.
9SQL4952
Pin No.
^CKPWRGD_PD#
Input
Input notifies device to sample latched inputs and start up on first high
assertion. Low enters Power Down Mode, subsequent high assertions
exit Power Down Mode. This pin has internal pull-up resistor.
48
31
22
^vSS_EN_tri
Latched In
Latched select input to select spread spectrum amount at initial power
up. See Spread Selection table.
132
23
BCLK0
Output
True output of differential BCLK.
15
13
13
BCLK0#
Output
Complement output of differential BCLK.
16
14
14
BCLK1
Output
True output of differential BCLK.
18
18
17
BCLK1#
Output
Complement output of differential BCLK.
19
19
18
48 47 46 45 44 43 42 41 40 39 38 37
^vSS_EN_tri 1
36 BCLK5#
GNDXTAL 2
35 BCLK5
XIN/CLKIN_25 3
34 vOE4#
X2 4
33 BCLK4#
VDDXTAL3.3 5
32 BCLK4
VDDREF3.3 6
31 VDDIO
vSADR/REF3.3 7
30 VDDA3.3
GNDREF 8
29 GNDA
GNDDIG 9
28 vOE3#
SCLK_3.3 10
27 BCLK3#
SDATA_3.3 11
26 BCLK3
VDDDIG3.3 12
25 vOE2#
13 14 15 16 17 18 19 20 21 22 23 24
9SQL4958C
Connect EPAD to GND
48-VFQFPN, 6 x 6 mm, 0.4mm pitch
^v prefix indicates internal 60kOhm pull-down resistor
v prefix indicates internal 120kOhm pull-down resistor
^ prefix indicates internal 120kOhm pull-up resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com