Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9SQL4952CNLGI8 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # 9SQL4952CNLGI8
Description  3.3V PCIe® Gen1–5 and UPI Clock Generator Family
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9SQL4952CNLGI8 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button 9SQL4952CNLGI8 Datasheet HTML 13Page - Renesas Technology Corp 9SQL4952CNLGI8 Datasheet HTML 14Page - Renesas Technology Corp 9SQL4952CNLGI8 Datasheet HTML 15Page - Renesas Technology Corp 9SQL4952CNLGI8 Datasheet HTML 16Page - Renesas Technology Corp 9SQL4952CNLGI8 Datasheet HTML 17Page - Renesas Technology Corp 9SQL4952CNLGI8 Datasheet HTML 18Page - Renesas Technology Corp 9SQL4952CNLGI8 Datasheet HTML 19Page - Renesas Technology Corp 9SQL4952CNLGI8 Datasheet HTML 20Page - Renesas Technology Corp 9SQL4952CNLGI8 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
17
©2020 Renesas Electronics Corporation
February 19, 2020
9SQL4952/9SQL4954/9SQL4958 Datasheet
Crystal Characteristics
1 When driven by an external oscillator via the XIN/CLKIN_25 pin, X2 should be floating.
Table 20. Recommended Crystal Characteristics
Parameter
Value
Units
Frequency1
25
MHz
Resonance Mode
Fundamental
Frequency Tolerance @ 25°C
±20
ppm maximum
Frequency Stability, reference at 25°C over operating temperature range
±20
ppm maximum
Temperature Range (industrial)
-40 to +85
°C
Temperature Range (commercial)
0 to +70
°C
Equivalent Series Resistance (ESR)
50
Ω maximum
Shunt Capacitance (CO)7
pF maximum
Load Capacitance (CL)8
pF maximum
Drive Level
0.1
mW maximum
Aging per year
±5
ppm maximum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com