Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9UMS9633B Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 9UMS9633B
Description  Ultra-Mobile PC/Mobile Internet Device
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9UMS9633B Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 9UMS9633B Datasheet HTML 9Page - Renesas Technology Corp 9UMS9633B Datasheet HTML 10Page - Renesas Technology Corp 9UMS9633B Datasheet HTML 11Page - Renesas Technology Corp 9UMS9633B Datasheet HTML 12Page - Renesas Technology Corp 9UMS9633B Datasheet HTML 13Page - Renesas Technology Corp 9UMS9633B Datasheet HTML 14Page - Renesas Technology Corp 9UMS9633B Datasheet HTML 15Page - Renesas Technology Corp 9UMS9633B Datasheet HTML 16Page - Renesas Technology Corp 9UMS9633B Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
R31DS0110EU0100 Rev.1.00
Page 13
Jan 18, 2022
9UMS9633B Datasheet
Table 7. Byte 0 – PLL and Divider Enable Register
Bit(s)
Name
Description
Type
0
1
Default
7
PLL1 Enable
This bit controls whether the PLL driving the
CPU and SRC clocks is enabled or not.
RW
0 = Disabled
1 = Enabled
1
6
PLL2 Enable
This bit controls whether the PLL driving the
DOT and clock is enabled or not.
RW
0 = Disabled
1 = Enabled
1
5
PLL3 Enable
This bit controls whether the PLL driving the LCD
clock is enabled or not.
RW
0 = Disabled
1 = Enabled
1
4
Reserved
0
3
CPU Divider Enable
This bit controls whether the CPU output divider
is enabled or not.
NOTE: This bit should be automatically set to ‘0’
if bit 7 is set to ‘0’.
RW
0 = Disabled
1 = Enabled
1
2
SRC Output Divider
Enable
This bit controls whether the SRC output divider
is enabled or not.
NOTE: This bit should be automatically set to ‘0’
if bit 7 is set to ‘0’.
RW
0 = Disabled
1 = Enabled
1
1
LCD Output Divider
Enable
This bit controls whether the LCD output divider
is enabled or not.
NOTE: This bit should be automatically set to ‘0’
if bit 5 is set to ‘0’.
RW
0 = Disabled
1 = Enabled
1
0
DOT Output Divider
Enable
This bit controls whether the DOT output divider
is enabled or not.
NOTE: This bit should be automatically set to ‘0’
if bit 6 is set to ‘0’.
RW
0 = Disabled
1 = Enabled
1
Table 8. Byte 1 – PLL SS Enable/Control Register
Bit(s)
Name
Description
Type
0
1
Default
7
PLL1 SS Enable
This bit controls whether PLL1 has spread
enabled or not. Spread spectrum for PLL1 is set
at -0.5% down-spread. Note that PLL1 drives the
CPU and SRC clocks.
RW
0 = Disabled
1 = Enabled
1
6
PLL3 SS Enable
This bit controls whether PLL3 has spread
enabled or not. Note that PLL3 drives the SSC
clock, and that the spread spectrum amount is
set in bits 3-5.
RW
0 = Disabled
1 = Enabled
1
5
PLL3 FS Select
These 3 bits select the frequency of PLL3 and
the SSC clock when Byte 1 Bit 6 (PLL3 Spread
Spectrum Enable) is set.
RW
See LCD Spread Select (Pin
20/21) table
0
4
0
3
0
2
Reserved
0
1
Reserved
0
0
Reserved
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com