Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9SQL4954CNLGI Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 9SQL4954CNLGI
Description  3.3V PCIe® Gen1–5 and UPI Clock Generator Family
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9SQL4954CNLGI Datasheet(HTML) 3 Page - Renesas Technology Corp

  9SQL4954CNLGI Datasheet HTML 1Page - Renesas Technology Corp 9SQL4954CNLGI Datasheet HTML 2Page - Renesas Technology Corp 9SQL4954CNLGI Datasheet HTML 3Page - Renesas Technology Corp 9SQL4954CNLGI Datasheet HTML 4Page - Renesas Technology Corp 9SQL4954CNLGI Datasheet HTML 5Page - Renesas Technology Corp 9SQL4954CNLGI Datasheet HTML 6Page - Renesas Technology Corp 9SQL4954CNLGI Datasheet HTML 7Page - Renesas Technology Corp 9SQL4954CNLGI Datasheet HTML 8Page - Renesas Technology Corp 9SQL4954CNLGI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
3
©2020 Renesas Electronics Corporation
February 19, 2020
9SQL4952/9SQL4954/9SQL4958 Datasheet
Pin Assignments
9SQL4952 Pin Assignment
Figure 1. Pin Assignments for 4 × 4 mm 24-VFQFPN Package – Top View
24 23 22 21 20 19
XIN/CLKIN_25 1
18 BCLK1#
X2 2
17 BCLK1
VDDXTAL3.3 3
16 VDDA3.3
vSADR/REF3.3 4
15 GNDA
GNDREF 5
14 BCLK0#
GNDDIG 6
13 BCLK0
7
8
9 101112
^ prefix indicates internal 120kOhm pull-up resistor
v prefix indicates internal 120kOhm pull-down resistor
9SQL4952C
Connect EPAD to
GND
24-VFQFPN, 4 x 4 mm, 0.5mm pitch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com