Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9SQL4954CNLGI Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 9SQL4954CNLGI
Description  3.3V PCIe® Gen1–5 and UPI Clock Generator Family
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9SQL4954CNLGI Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 9SQL4954CNLGI Datasheet HTML 7Page - Renesas Technology Corp 9SQL4954CNLGI Datasheet HTML 8Page - Renesas Technology Corp 9SQL4954CNLGI Datasheet HTML 9Page - Renesas Technology Corp 9SQL4954CNLGI Datasheet HTML 10Page - Renesas Technology Corp 9SQL4954CNLGI Datasheet HTML 11Page - Renesas Technology Corp 9SQL4954CNLGI Datasheet HTML 12Page - Renesas Technology Corp 9SQL4954CNLGI Datasheet HTML 13Page - Renesas Technology Corp 9SQL4954CNLGI Datasheet HTML 14Page - Renesas Technology Corp 9SQL4954CNLGI Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
11
©2020 Renesas Electronics Corporation
February 19, 2020
9SQL4952/9SQL4954/9SQL4958 Datasheet
5 Refers to the total variation from the lowest crossing point to the highest, regardless of which edge is crossing. Refers to all crossing points for this
measurement.
6 Defines as the absolute minimum or maximum instantaneous period. This includes cycle to cycle jitter, relative ppm tolerance, and spread spectrum
modulation.
7 Defined as the maximum instantaneous voltage including overshoot.
8 Defined as the minimum instantaneous voltage including undershoot.
9 Defined as the total variation of all crossing voltages of Rising REFCLK+ and Falling REFCLK-. This is the maximum allowed variance in VCROSS
for any particular system.
10 Refer to Section 8.6.2 of the PCI Express Base Specification, Revision 5.0 for information regarding PPM considerations.
11 System board compliance measurements must use the test load. REFCLK+ and REFCLK- are to be measured at the load capacitors CL.
Single-ended probes must be used for measurements requiring single ended measurements. Either single-ended probes with math or differential
probe can be used for differential measurements. Test load CL = 2pF.
12 PCIe Gen1 through Gen4 specify ±300ppm frequency tolerances. PCIe Gen5 reduces the allowable tolerance to ±100ppm without spread
spectrum.
13 “ppm” refers to parts per million and is a DC absolute period accuracy specification. 1ppm is 1/1,000,000th of 100.000000MHz exactly or 100Hz.
For 100ppm, then we have an error budget of 100Hz/ppm × 100ppm = 10kHz. The period is to be measured with a frequency counter with
measurement window set to 100ms or greater. The ±100ppm applies to systems that do not employ Spread Spectrum clocking, or that use
common clock source. For systems employing Spread Spectrum clocking, there is an additional 2,500ppm nominal shift in maximum period
resulting from the 0.5% down spread resulting in a maximum average period specification of +2,600ppm for Common Clock architectures.
Separate Reference Clock architectures may have a lower allowed spread percentage.
14 Matching applies to rising edge rate for REFCLK+ and falling edge rate for REFCLK-. It is measured using a ±75 mV window centered on the
median cross point where REFCLK+ rising meets REFCLK- falling. The median cross point is used to calculate the voltage thresholds the
oscilloscope is to use for the edge rate calculations. The Rise Edge Rate of REFCLK+ should be compared to the Fall Edge Rate of REFCLK-;
the maximum allowed difference should not exceed 20% of the slowest edge rate.
15 At default SMBus amplitude settings.
1 Applies to all differential outputs, guaranteed by design and characterization. See Test Loads for measurement setup details.
2 Calculated from Intel™-supplied Clock Jitter Tool. Equipment noise removed from the results.
Table 8. UPI Phase Jitter of Differential Outputs
Parameter
Symbol
Conditions
Minimum
Typical
Maximum
Specification
Limits
Units
Notes
Phase Jitter, ZDB Mode tjphQPI_UPI
QPI and UPI
(100MHz, 8.0Gb/s, 12UI)
0.08
0.12
0.3
ps (RMS)
1,2
QPI and UPI
(100MHz, ≤11.4Gb/s, 12UI)
0.07
0.10
0.2
ps (RMS)
1,2
Table 9. 12kHz–20MHz Phase Jitter of Differential Outputs
Parameter
Symbol
Conditions
Minimum
Typical
Maximum
Units
Phase Jitter, 12kHz–20MHz tjph12k20M
Differential outputs when device is set to PCIe
SRnS mode (Byte1[4:3] = 00).
1.9
2
ps (rms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com