Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2ICS5101EW/V1 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # SL2ICS5101EW/V1
Description  I•CODE SLI-L/I•CODE SLI-L HC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2ICS5101EW/V1 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button SL2ICS5101EW/V1 Datasheet HTML 18Page - NXP Semiconductors SL2ICS5101EW/V1 Datasheet HTML 19Page - NXP Semiconductors SL2ICS5101EW/V1 Datasheet HTML 20Page - NXP Semiconductors SL2ICS5101EW/V1 Datasheet HTML 21Page - NXP Semiconductors SL2ICS5101EW/V1 Datasheet HTML 22Page - NXP Semiconductors SL2ICS5101EW/V1 Datasheet HTML 23Page - NXP Semiconductors SL2ICS5101EW/V1 Datasheet HTML 24Page - NXP Semiconductors SL2ICS5101EW/V1 Datasheet HTML 25Page - NXP Semiconductors SL2ICS5101EW/V1 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
136430
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.0 — 14 March 2007
22 of 28
NXP Semiconductors
SL2 ICS50/SL2 ICS51
I•CODE SLI-L/I•CODE SLI-L HC
PUBLIC
Table 51.
Number of Slots
Number of Slots
Value
1
10h
4
20h
8
40h
16
80h
32
00h
64
01h
128
02h
256
04h
512
08h
Table 52.
Data Selector
Data
Selector
Value
Response
EAS
00h
LSB first
UID
01h
LSB of LS Byte first
Depending on Data Selector the Label ICs will respond with the requested data.
Table 53.
Response format
RSOF
Requested Data
CRC16
REOF
Depending on Data Selector
16 bits
8 bits
Table 54.
Long Range CMD
VCD
Long Range CMD
VICCs
Response 1
Response 2
Response 3
Timing
t1
t1
t1
Slot
Slot 0
Slot1
Slot2
Comment
No VICC response
Collision
Table 55.
Timing
Timing
Min.
Max.
Unit
t1
302.06 - 2.36
30206 + 2.36
µs
8 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com