Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2ICS5101EW/V1 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SL2ICS5101EW/V1
Description  I•CODE SLI-L/I•CODE SLI-L HC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2ICS5101EW/V1 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SL2ICS5101EW/V1 Datasheet HTML 5Page - NXP Semiconductors SL2ICS5101EW/V1 Datasheet HTML 6Page - NXP Semiconductors SL2ICS5101EW/V1 Datasheet HTML 7Page - NXP Semiconductors SL2ICS5101EW/V1 Datasheet HTML 8Page - NXP Semiconductors SL2ICS5101EW/V1 Datasheet HTML 9Page - NXP Semiconductors SL2ICS5101EW/V1 Datasheet HTML 10Page - NXP Semiconductors SL2ICS5101EW/V1 Datasheet HTML 11Page - NXP Semiconductors SL2ICS5101EW/V1 Datasheet HTML 12Page - NXP Semiconductors SL2ICS5101EW/V1 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
136430
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.0 — 14 March 2007
9 of 28
NXP Semiconductors
SL2 ICS50/SL2 ICS51
I•CODE SLI-L/I•CODE SLI-L HC
PUBLIC
7.3 Communication principle
ISO 15693 command set
For detailed description of the protocol and timing please refer to ISO/IEC 15693-2
(modulation, bit-coding, framing) and 15693-3 (anticollision, timing, protocol).
Long Range command
For detailed description of the protocol and timing please refer to EPC Specification
“13.56 MHz ISM Band Class 1 Radio Frequency (RF) Identification Tag Interface
Specification”.
8. Command set
8.1 ISO 15693 command set
8.1.1 Mandatory commands
8.1.1.1 Inventory
As defined in ISO/IEC 15693-3.
Exception: If the Privacy or Destroy mode is enabled the label will not respond.
8.1.1.2 Stay quiet
As defined in ISO/IEC 15693-3.
8.1.2 Optional commands
8.1.2.1 Read single block
As defined in ISO/IEC 15693-3.
Option 0 (Option flag not set) is supported.
Option 1 (Option flag set) is supported.
If the Privacy or Destroy mode is enabled the label will not respond.
8.1.2.2 Write single block
Only Option 0 (Option flag is not set) is supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com