Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB41AB2IPAP Datasheet(PDF) 42 Page - Texas Instruments

Part # TSB41AB2IPAP
Description  IEEE 1394a-2000 TWO-PORT CABLE TRANSCEVER/ARBITER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41AB2IPAP Datasheet(HTML) 42 Page - Texas Instruments

Back Button TSB41AB2IPAP Datasheet HTML 38Page - Texas Instruments TSB41AB2IPAP Datasheet HTML 39Page - Texas Instruments TSB41AB2IPAP Datasheet HTML 40Page - Texas Instruments TSB41AB2IPAP Datasheet HTML 41Page - Texas Instruments TSB41AB2IPAP Datasheet HTML 42Page - Texas Instruments TSB41AB2IPAP Datasheet HTML 43Page - Texas Instruments TSB41AB2IPAP Datasheet HTML 44Page - Texas Instruments TSB41AB2IPAP Datasheet HTML 45Page - Texas Instruments TSB41AB2IPAP Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 50 page
background image
TSB41AB2, TSB41AB2I
IEEE 1394a2000 TWOPORT CABLE
TRANSCEIVER/ARBITER
SLLS424G − JUNE 2000 − REVISED DECEMBER 2004
42
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
interface reset and disable (continued)
Table 21. LPS Timing Parameters
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
TLPSL
LPS low time (when pulsed)†
0.09
2.6
µs
TLPSH
LPS high time (when pulsed)†
0.021
2.6
µs
TLPS_DUTY
LPS duty cycle (when pulsed)‡
20
55
%
TLPS_RESET
Time for PHY to recognize LPS deasserted and reset the interface
2.6
2.68
µs
TLPS_DISABLE
Time for PHY to recognize LPS deasserted and disable the interface
26.03
26.11
µs
TRESTORE
Time to permit optional isolation circuits to restore during an interface reset
15
23§
µs
TCLK_ACTIVATE Time for SYSCLK to be activated from reassertion of LPS
PHY not in low-power state
60
ns
TCLK_ACTIVATE Time for SYSCLK to be activated from reassertion of LPS
PHY in low-power state
5.3
7.3
ms
† The specified TLPSL and TLPSH times are worst-case values appropriate for operation with the TSB41AB2. These values are broader than those
specified for the same parameters in IEEE 1394a-2000 (that is, an implementation of LPS that meets the requirements of IEEE 1394a-2000
operates correctly with the TSB41AB2).
‡ A pulsed LPS signal must have a duty cycle (ratio of TLPSH to cycle period) in the specified range to ensure proper operation when using an
isolation barrier on the LPS signal (for example, as shown in Figure 9).
§ The maximum value for TRESTORE does not apply when the PHY-LLC interface is disabled, in which case an indefinite time may elapse before
LPS is reasserted. Otherwise, in order to reset but not disable the interface it is necessary that the LLC ensure that LPS is deasserted for less
than TLPS_DISABLE.
The LLC requests that the interface be reset by deasserting the LPS signal and terminating all bus and request
activity. When the PHY observes that LPS has been deasserted for TLPS_RESET, it resets the interface. When
the interface is in the reset state, the PHY sets its CTL and D outputs in the logic 0 state and ignores any activity
on the LREQ signal. The timing for interface reset is shown in Figure 22 and Figure 23.
LPS
CTL0, CTL1
LREQ
SYSCLK
(3)
(2)
(1)
D0−D7
(low)
(4)
TLPSH
TLPS_RESET
TRESTORE
TLPSL
ISO
Figure 22. Interface Reset, ISO Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com