Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB41AB2IPAP Datasheet(PDF) 14 Page - Texas Instruments

Part # TSB41AB2IPAP
Description  IEEE 1394a-2000 TWO-PORT CABLE TRANSCEVER/ARBITER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41AB2IPAP Datasheet(HTML) 14 Page - Texas Instruments

Back Button TSB41AB2IPAP Datasheet HTML 10Page - Texas Instruments TSB41AB2IPAP Datasheet HTML 11Page - Texas Instruments TSB41AB2IPAP Datasheet HTML 12Page - Texas Instruments TSB41AB2IPAP Datasheet HTML 13Page - Texas Instruments TSB41AB2IPAP Datasheet HTML 14Page - Texas Instruments TSB41AB2IPAP Datasheet HTML 15Page - Texas Instruments TSB41AB2IPAP Datasheet HTML 16Page - Texas Instruments TSB41AB2IPAP Datasheet HTML 17Page - Texas Instruments TSB41AB2IPAP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
TSB41AB2, TSB41AB2I
IEEE 1394a2000 TWOPORT CABLE
TRANSCEIVER/ARBITER
SLLS424G − JUNE 2000 − REVISED DECEMBER 2004
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
thermal characteristics
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
RθJA
Junction-to-ambient thermal resistance
Board mounted, no air flow, high conductivity
TI-recommended test board, chip soldered or
26
°C/W
RθJC
Junction-to-case-thermal resistance
TI-recommended test board, chip soldered or
greased to thermal land with 1 oz. copper
5.9
°C/W
RθJA
Junction-to-ambient thermal resistance
Board mounted, no air flow, high conductivity
TI-recommended test board with thermal land, but no
58.57
°C/W
RθJC
Junction-to-case thermal resistance
TI-recommended test board with thermal land, but no
solder or grease thermal connection to thermal land
with 1 oz. copper
5.9
°C/W
RθJA
Junction-to-ambient thermal resistance
Board mounted, no air flow, low conductivity JEDEC
60.08
°C/W
RθJC
Junction-to-case thermal resistance
Board mounted, no air flow, low conductivity JEDEC
test board with 1 oz. copper
5.9
°C/W
† Use of thermally enhanced PowerPad PAP package is assumed in all three test conditions.
switching characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Jitter, transmit
Between TPA and TPB
±0.15
ns
Skew, transmit
Between TPA and TPB
±0.1
ns
th
Hold time, CTL0, CTL1, D0 – D7, LREQ after SYSCLK
50% to 50%, See Figure 2
2
ns
tsu
Setup time, CTL0, CTL1, D0 – D7, LREQ to SYSCLK
50% to 50%, See Figure 2
5
ns
td
Delay time, SYSCLK to CTL0, CTL1, D0 – D7
50% to 50%, See Figure 3
2‡
ns
tr
TP differential rise time, transmit
10% to 90%, at 1394 connector
0.5
1.2
ns
tf
TP differential fall time, transmit
90% to 10%, at 1394 connector
0.5
1.2
ns
‡ Test Conditions: 3.3 VCC, TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com