Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF256 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # AT25DF256
Description  256-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF256 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button AT25DF256 Datasheet HTML 28Page - Renesas Technology Corp AT25DF256 Datasheet HTML 29Page - Renesas Technology Corp AT25DF256 Datasheet HTML 30Page - Renesas Technology Corp AT25DF256 Datasheet HTML 31Page - Renesas Technology Corp AT25DF256 Datasheet HTML 32Page - Renesas Technology Corp AT25DF256 Datasheet HTML 33Page - Renesas Technology Corp AT25DF256 Datasheet HTML 34Page - Renesas Technology Corp AT25DF256 Datasheet HTML 35Page - Renesas Technology Corp AT25DF256 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
32
AT25DF256
DS-25DF256–035F–02/2022
Note:
1. Maximum values indicate worst-case performance after 100,000 erase/program cycles.
2. Not 100% tested (value guaranteed by design and characterization).
3. Program and Erase operations characterized at -10°C to +85°C. Program and Erase operations at -40°C to -10°C require
a minimum of 1.7V.
13.6 Program and Erase Characteristics
Symbol
Parameter
1.65V-3.6V
2.3V-3.6V
Min
Typ
Max
Units
tPP
(1)
Page Program Time
256 Bytes
1.5
3.5
1.5
3.5
ms
tBP
Byte Program Time
12
8
µs
tPE
Page Erase Time
256 Bytes
6
25
6
25
ms
tBLKE(1)
Block Erase Time
4 Kbytes
50
75
50
60
ms
32 Kbytes
350
600
300
400
tCHPE(1)(2)
Chip Erase Time
350
600
300
400
ms
tOTPP(1)
OTP Security Register Program Time
400
950
400
950
µs
tWRSR
(2)
Write Status Register Time
20
40
20
40
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com