Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SF321 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # AT25SF321
Description  32-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-IO Support
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25SF321 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button AT25SF321 Datasheet HTML 17Page - Renesas Technology Corp AT25SF321 Datasheet HTML 18Page - Renesas Technology Corp AT25SF321 Datasheet HTML 19Page - Renesas Technology Corp AT25SF321 Datasheet HTML 20Page - Renesas Technology Corp AT25SF321 Datasheet HTML 21Page - Renesas Technology Corp AT25SF321 Datasheet HTML 22Page - Renesas Technology Corp AT25SF321 Datasheet HTML 23Page - Renesas Technology Corp AT25SF321 Datasheet HTML 24Page - Renesas Technology Corp AT25SF321 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
20
AT25SF321
DS-25SF321–047F–8/2017
8.
Protection Commands and Features
8.1
Write Enable (06h)
The Write Enable command is used to set the Write Enable Latch (WEL) bit in the Status Register to a logical “1” state.
The WEL bit must be set before a Byte/Page Program, Erase, Program Security Register Pages, Erase Security Register
Pages or Write Status Register command can be executed. This makes the issuance of these commands a two step
process, thereby reducing the chances of a command being accidentally or erroneously executed. If the WEL bit in the
Status Register is not set prior to the issuance of one of these commands, then the command will not be executed.
To issue the Write Enable command, the CS pin must first be asserted and the opcode of 06h must be clocked into the
device. No address bytes need to be clocked into the device, and any data clocked in after the opcode will be ignored.
When the CS pin is deasserted, the WEL bit in the Status Register will be set to a logical “1”. The complete opcode must
be clocked into the device before the CS pin is deasserted, and the CS pin must be deasserted on an byte boundary
(multiples of eight bits); otherwise, the device will abort the operation and the WEL bit state will not change.
Figure 8-1. Write Enable
8.2
Write Disable (04h)
The Write Disable command is us0d to reset the Write Enable Latch (WEL) bit in the Status Register to the logical “0”
state. With the WEL bit reset, all Byte/Page Program, Erase, Program Security Register Page, and Write Status Register
commands will not be executed. Other conditions can also cause the WEL bit to be reset; for more details, refer to the
WEL bit section of the Status Register description.
To issue the Write Disable command, the CS pin must first be asserted and the opcode of 04h must be clocked into the
device. No address bytes need to be clocked into the device, and any data clocked in after the opcode will be ignored.
When the CS pin is deasserted, the WEL bit in the Status Register will be reset to a logical “0”. The complete opcode
must be clocked into the device before the CS pin is deasserted, and the CS pin must be deasserted on an byte
boundary (multiples of eight bits); otherwise, the device will abort the operation and the WEL bit state will not change.
Figure 8-2. Write Disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com