Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SF321 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # AT25SF321
Description  32-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-IO Support
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25SF321 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button AT25SF321 Datasheet HTML 24Page - Renesas Technology Corp AT25SF321 Datasheet HTML 25Page - Renesas Technology Corp AT25SF321 Datasheet HTML 26Page - Renesas Technology Corp AT25SF321 Datasheet HTML 27Page - Renesas Technology Corp AT25SF321 Datasheet HTML 28Page - Renesas Technology Corp AT25SF321 Datasheet HTML 29Page - Renesas Technology Corp AT25SF321 Datasheet HTML 30Page - Renesas Technology Corp AT25SF321 Datasheet HTML 31Page - Renesas Technology Corp AT25SF321 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
27
AT25SF321
DS-25SF321–047F–8/2017
Notes:
1. Only bits 6 through 3, 1, and 0 of the Status Register can be modified when using the Write Status Register command
2. R/W = Readable and writable
R = Readable only.
Figure 10-2. Read Status Register Byte 2
10.1.1 SRP1, SRP0 Bits
The SRP1 and SRP0 bits control whether the Status Register can be modified. The state of the WP pin along with the
values of the SRP1 and SRP0 determine if the device is software protected, hardware protected, or permanently
protected (see Table 10-3).
10.1.2 CMP, SEC, TB, BP2, BP1, BP0 Bits
The CMP, SEC, TB, BP2, BP1, and BP0 bits control which portions of the array are protected from erase and program
operations (see Tables 8-1 and 8-2).
1
QE
Quad Enable
R/W
0
HOLD and WP function normally (default)
1
HOLD and WP are I/O pins
0
SRP1
Status Register Protect bit-1
R/W
See table on Status Register Protection
Table 10-2. Status Register Format – Byte 2
Bit(1)
Name
Type(2)
Description
SCK
CS
SI
SO
MSB
23
1
0
00
0101
67
5
41011
9
8122122
1720
19
18
1516
131423242829
27
26
2530
MSB
MSB
DDDDDD
DD
D
D
MSB
DDDDDD
D
D
D DD
D D D
BYTE 2
HI
GH-
I
MPEDANCE
BYTE 2
BYTE 2
Table 10-3. Status Register Protection Table
SRP1
SRP0
WP
Status Register
Description
0
0
X
Software Protected
The Status Register can be written to after a Write Enable
instruction, WEL=1.(Factory Default)
0
1
0
Hardware Protected
WP
=0, the Status Register is locked and cannot be written.
0
1
1
Hardware
Unprotected
WP
=1, the Status Register is unlocked and can be written to
after a Write Enable instruction, WEL=1.
1
0
X
Power Supply Lock-
Down (1)
1.
When SRP1, SRP0 = (1, 0), a Power-Down, Power-Up cycle will change SRP1, SRP0 to the (0, 0) state.
Status Register is protected and cannot be written to again
until the next Power-Down, Power-Up cycle.
1
1
X
One Time Program
Status Register is permanently protected and cannot be
written to.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com