Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SL321 Datasheet(PDF) 50 Page - Renesas Technology Corp

Part # AT25SL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25SL321 Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button AT25SL321 Datasheet HTML 46Page - Renesas Technology Corp AT25SL321 Datasheet HTML 47Page - Renesas Technology Corp AT25SL321 Datasheet HTML 48Page - Renesas Technology Corp AT25SL321 Datasheet HTML 49Page - Renesas Technology Corp AT25SL321 Datasheet HTML 50Page - Renesas Technology Corp AT25SL321 Datasheet HTML 51Page - Renesas Technology Corp AT25SL321 Datasheet HTML 52Page - Renesas Technology Corp AT25SL321 Datasheet HTML 53Page - Renesas Technology Corp AT25SL321 Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 82 page
background image
DS-AT25SL321-112 Rev. J
Page 50
Nov 1, 2022
© 2022 Renesas Electronics
AT25SL321 Datasheet
8.26 Read Manufacturer / Device ID (92h) — Dual I/O
The Read Manufacturer/ Device ID Dual I/O command provides both the JEDEC assigned manufacturer ID and
the specific device ID. This command allows the address and manufacturer/device ID information to be driven on
both the SI and SO pins. During the address transfer, the SI and SO pins are inputs, allowing the 24-bit address to
be transferred in only 12 clocks. Device hardware then switches the SI and SO pins to outputs and drives the
manufacturer/device ID information on these two pins, again requiring only half the number of clocks as required
by the 90h command. The 92h command is called a 1-2-2 transfer, where the command is transferred on a single
pin (SI), and the address and data are driven on two pins (SI and SO).
The command is initiated by driving the CS pin low and shifting the command code 92h followed by a 24-bit
address (A23-A0) of 000000h. After which, the Manufacturer ID for Renesas Electronics (1Fh) and the Device ID
(17h) are shifted out on the falling edge of SCK with most significant bit (MSB) first as shown in Figure 45. A
minimum of eight clock cycles are required to transfer the information.
If the 24-bit address is initially set to 000001h the Device ID is read first and then followed by the Manufacturer
ID. The Manufacturer and Device ID can be read continuously, alternating from one to the other. The command is
completed by driving CS high.
Figure 45. Read Dual Manufacturer/ Device ID Dual I/O Command (SPI Mode)
24
23
25 26 27 28 29 30 31 32 33 34 35 36 37 38 39
SCK
CS
MSB
MSB
MSB
MSB
MSB
MSB
MSB
MSB
75
6
3
420
6420
6420
6420
1
0
1
7531
7531
7531
IOs switch from
Input to Output
SCK
CS
6420
6420
7531
6420
7531
6420
7531
7531
0
123
45
6
7
89 10 11 12 13 14 15
16 17 18 19 20 21 22 23
Mode 3
Mode 0
Mode 3
Mode 0
A23-16
Command (92h)
High-Impedance
A15-8
MFR ID
Device ID
MFR ID
(Repeat)
Device ID
(Repeat)
A7-0 (00h
or 01h)
M7-0
IO
0
IO
1
IO
0
IO
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com