Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SL321 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # AT25SL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25SL321 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button AT25SL321 Datasheet HTML 49Page - Renesas Technology Corp AT25SL321 Datasheet HTML 50Page - Renesas Technology Corp AT25SL321 Datasheet HTML 51Page - Renesas Technology Corp AT25SL321 Datasheet HTML 52Page - Renesas Technology Corp AT25SL321 Datasheet HTML 53Page - Renesas Technology Corp AT25SL321 Datasheet HTML 54Page - Renesas Technology Corp AT25SL321 Datasheet HTML 55Page - Renesas Technology Corp AT25SL321 Datasheet HTML 56Page - Renesas Technology Corp AT25SL321 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 82 page
background image
DS-AT25SL321-112 Rev. J
Page 53
Nov 1, 2022
© 2022 Renesas Electronics
AT25SL321 Datasheet
8.29 Enable QPI (38h)
The AT25SL321 support both Standard/Dual/Quad Serial Peripheral interface (SPI) and Quad Peripheral
Interface (QPI). However, SPI mode and QPI mode cannot be used at the same time. Enable QPI command is
the only way to switch the device from SPI mode to QPI mode.
In order to switch the device to QPI mode, the Quad Enable (QE) bit in Status Register 2 must be set to 1 first,
and an Enable QPI command must be issued. If the Quad Enable (QE) bit is 0, the Enable QPI command is
ignored and the device remains in SPI mode.
After power-up, the default state of the device is SPI mode. See the Command Set Table 6 for all the commands
supported in SPI mode and the Command Set Table 9 for all the commands supported in QPI mode.
When the device is switched from SPI mode to QPI mode, the existing Write Enable and Program/Erase Suspend
status, and the Wrap Length setting remains unchanged.
Figure 49. Enable QPI Command (SPI Mode only)
8.30 Disable QPI (FFh)
By issuing Disable QPI (FFh) command, the device switches back to SPI mode. When the device is switched
from QPI mode to SPI mode, the existing Write Enable Latch (WEL) and Program/Erase Suspend status, and the
Wrap Length setting remain unchanged.
Figure 50. Disable QPI Command for QPI Mode
03
5
246
7
1
Mode 3
Mode 0
Mode 3
Mode 0
High-Impedance
SCK
CS
Command (38h)
SI
SO
SCK
Command
(FFh)
01
Mode 3
Mode 0
Mode 3
Mode 0
CS
IO
0
IO
1
IO
2
IO
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com