Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMB-787 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ASMB-787
Description  LGA 1200 Intel® Xeon® W & 10th Gen. Core™ ATX Server Board with 4 x DDR4, 5 x PCIe, 2 x PCI, 6 x USB 3.2, 5 x SATA 3, Quad/Dual LANs, and IPMI
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ASMB-787 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ASMB-787 Datasheet HTML 1Page - Advantech Co., Ltd. ASMB-787 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
ASMB-787
Ordering Information
Part Number
Chipset
Memory
Display
LAN
SATAIII
IPMI
ASMB-787G2-00A1
W480E
DDR4 Non-ECC/ECC UDIMM
VGA + DVI-D + HDMI
2
5
-
ASMB-787G4-00A1
W480E
DDR4 Non-ECC/ECC UDIMM
VGA + DVI-D + HDMI
4
5
Y
Packing List
Part Number
Description
Quantity
2041B78700
Startup manual
x 1
1700003194
SATA data cables
x 2
1700022749-11
SATA power cables
x 2
1700001788
COM1 cable
x 1
1960088021T001
I/O shield
x 1
1700031926-11
JFP1 cable
x 1
1930005673-11
Screw for M.2 device
x 1
I/O View
Optional Accessories
Part Number
Description
1700029038-01
BMC VGA cable with bracket (35 cm / 13.7 in, for G4 SKU)
Note: If you need BMC KVM function, please select this cable.
Part Number
Description
1960049408N001
LGA 1200 CPU heatsink for 1U chassis
1960067860N001
LGA 1200 CPU cooler for 2U/4U chassis (CPU 125W)
1960052651N021
LGA 1200 CPU cooler for 2U/4U chassis (CPU under 95W)
1960088060T001
1U I/O shield for ASMB-586/587/786/787
1700008809
Printer port cable kit (25 cm / 9.84 in)
1700020294-01
Printer port cable kit (42 cm / 16.5 in)
1701090401
Single port RS-232 cable with bracket (40 cm / 15.7 in)
1700002204
Dual port USB 2.0 cable (27 cm / 10.6 in) with bracket
1700008461
Four port USB 2.0 cable (30.5 cm / 12 in) with bracket
1700028292-01
Dual port USB 3.0 cable with bracket (30 cm/ 11.8 in)
1700019268-11
Cable for onboard KBMS1 connector (35 cm/ 13.7 in)
1960063434N000
Cable bracket for 1700019268-11 (4U)
PCA-COM232-00A1E
4 ports RS-232 module to LPC connector
PCA-COM485-00A1E
4 ports RS-485 module to LPC connector
PCA-TPM-00B1E
TPM 2.0 Module by LPC
Note: Users need to purchase ASMB-787's proprietary CPU cooler from Advantech Other brands' CPU
coolers may NOT be compatible with ASMB-787.
Block Diagram
Block Diagram
ASMB-787G2-00A1
ASMB-787G4-00A1
Intel LGA 1200
Comet Lake-S
Processors
Intel W480E
Comet Lake PCH
Platform Control Hub
Channel A
(ECC) DDR4 2400/2666/2933 Max.32GB
(ECC) DDR4 2400/2666/2933 Max.32GB
(ECC) DDR4 2400/2666/2933 Max.32GB
(ECC) DDR4 2400/2666/2933 Max.32GB
HD Audio
AUDIO ALC892
CPU Power IMVP8
PCIe Gen1 x1
GbE LAN1: I219
MDI
RJ45
10/100/1G
PCIe Gen1 x1
GbE LAN4: I210
MDI
RJ45
10/100/1G
PCIe Gen1 x1
GbE LAN3: I210
MDI
RJ45
10/100/1G
PCIe Gen1 x1
GbE LAN2: I210
LPC Connector
USB 2.0
PCIe Gen2 x1
BMC
AST2600
Super I/O
Nuvoton
NCT6776D
MDI
LPC BUS
RJ45
10/100/1G
SM BUS
Pin Header
Audio
AUDIO Conn.
& SPDIF OUT
Channel B
PCIe Gen3 x8
PCIe x16 Slot
Slot 6
PCIe x16 Slot
Slot 4
PCIe Gen3 x4
PCIe x4 Slot Slot 3
PCIe Gen3 x4
PCIe x4 Slot Slot 7
PCIe Gen3 x1
PCIe x4 Slot Slot 5
PCIe Gen3 x4
1 * M.2
2242/2280
2 x USB3.2 Gen1
4 x USB3.2 Gen2
SATA3
6 Gb/s
CASE OPEN
5 x FAN
H/W Monitor
PS/2 KB, MS
2 x RS-232
8 bit GPIO Pin Header
Port 80 LED
SPI BUS
SPI BIOS (SKT)
Display Port 1
PCIe Gen3 x8
PCIe Gen3 x8
TMDS
Level Shifter
PCIe Gen3 x8
Switch
DVI-D
Display Port 3
TMDS
Converter
HDMI
Display Port
Embedded
I/O Voltage of 1.2(V),Vtt is 0.6(V),Vpp is 2.5(V )
Rear Panel
Rear Panel
Rear Panel
6 Pin Header
1 USB Type A
1 Pin Header
1 BOX Header
1 BOX Header
Rear Panel
Rear Panel
Rear Panel
Rear Panel
Rear Panel
Rear Panel
2 BOX Header
1 Pin Header
1 Pin Header
5 Pin Header
FAN - CPU0 / SYS0 / SYS1 / SYS2 / SYS3
Voltage - +V12 / +V5 / +V5_SB / +VCORE / +VDDQ / +VBAT
TEMP. - CPU / MB
2 BOX Header
4 Rear Panel
RGB
Converter
VGA D-Sub
PCIe Gen3 x1
PCI 32-bit
33/66MHz
PCIe Bridge
IT8896E/LX
LQPP 128P 16x16 m
PCI Slot x 2
SATA3
6 Gb/s
5 x SATA3
USB 2.0
USB 3.1
7 x USB2.0
256M-bit



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com