Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMB-787 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ASMB-787
Description  LGA 1200 Intel® Xeon® W & 10th Gen. Core™ ATX Server Board with 4 x DDR4, 5 x PCIe, 2 x PCI, 6 x USB 3.2, 5 x SATA 3, Quad/Dual LANs, and IPMI
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ASMB-787 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ASMB-787 Datasheet HTML 1Page - Advantech Co., Ltd. ASMB-787 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Server Boards
Features
ASMB-787
ƒ
LGA 1200 Intel® Xeon® W & 10th Gen. Core™ i9/i7/i5/i3 processors with
W480E chipset
ƒ
DDR4 2933/2666/2400 MHz ECC/Non-ECC UDIMM up to 128 GB
ƒ
One PCIe x16 link (or two x8 link), two PCIe x4, and one PCIe x1 slots
ƒ
Triple displays - DVI-D, VGA, and HDMI 2.0 ports
ƒ
Five SATA 3 ports and six USB 3.2 ports
ƒ
One M.2 2280/2242 (SATA / PCIe compatible)
ƒ
Rackmount optimized placement with positive air flow design
ƒ
0 ~ 60 °C (32 ~ 140 °F) ambient operating temperature range
Note: Supported OS including Windows 10 (64-bit) and Server 2019
(64-bit) have been validated.
LGA 1200 Intel® Xeon® W & 10th Gen.
Core™ ATX Server Board with 4 x DDR4,
5 x PCIe, 2 x PCI, 6 x USB 3.2,
5 x SATA 3, Quad/Dual LANs, and IPMI
Specifications
Form Factor
ATX form factor
Processor System
Socket
Intel® LGA 1200
CPU type
Intel® Xeon® W-1270x/W-1290x and 10th Generation Core™ i3/i5/i7/i9 series (TDP up to 125W)
Core Logic
Chipset
Intel W480E chipset
Memory
Total slots
4 x (Dual Channel)
Max. capacity
128 GB
Memory type
DDR4 ECC/Non-ECC 2933/2666/2400 MHz UDIMM (288-pin)*
Memory size
4 GB, 8 GB, 16 GB, 32GB
Expansion Slots
Total PCI/PCIe slots
7
Slot location 1
PCI slot
Slot location 2
PCI slot
Slot location 3
PCIe x4 slot (Gen3 x4 link)
Slot location 4
PCIe x8 slot (Gen3 x8 link)
Slot location 5
PCIe x1
Slot location 6
PCIe x16 slot (Gen3 x8 or x16 link)
Slot location 7
PCIe x4 slot (Gen3 x4 link)
Graphics
Controller
Intel® HD Graphics**
VRAM
1 GB maximum shared memory with 2 GB and above system memory installed
Storage
SATA controller
Intel® W480E: 5 SATA 3 6 Gb/s ports with Intel Rapid Storage Technology support (for Windows only)
(Supports software RAID 0, 1, 10 & 5)
SAS controller
-
Networking
Interface
10/100/1000 Mbps
Controller
GbE LAN1: Intel® I219; GbE LAN 2~4: Intel I210-AT
Connector
RJ-45 x 2 for G2 version; RJ-45 x 4 for G4 version
Onboard I/O Connector
Printer Port connector
1
PSU connector
24-pin SSI power connector + 8-pin SSI 12V power connector
USB connector
1 x USB 3.2 Gen 1 (2 ports), 3 x USB 2.0 (6 ports), 1 x USB Type-A
M.2 connector
1 x M.2 2280/2242 (PCIe/SATA)
Fan header
5 x (4-pin)
SMBus
1
Chassis intruder
1
Front LAN LED
2
Serial port header
2 x (RS-232)
Audio connector
1 x (ALC 892)
PS/2 KB/Mouse
1 x (Optional PS/2 KB/Mouse cable and bracket required)
Rear I/O Connector
External serial port
- (via COM cable in the package)
External USB port
4 x (USB 3.2 Gen 2)
VGA port
1 x (Resolution up to 1920 x 1200 @ 60 Hz)
DVI port
1 x (Resolution up to 1920 x 1200 @ 60 Hz)
HDMI port
1 x (Resolution up to 4096 x 2160 @ 60 Hz)
RJ-45
2 x for G2 version; 4 for G4 version
Audio connector
2 x (Mic-in, Line-out)
PS/2 KB/Mouse
-
Watchdog Timer
Output
System reset
Interval
Programmable 1 ~ 255 sec
Power Requirement
Power On
3.3 V
5 V
12 V
12V_8P
5 VSB
-12 V
(Xeon W-1290E 3.5GHz DDR4 2666
32G*4)
1.69A
1.68A
0.31A
9.25A
0.1A
0.01A
Environment
Operating
Non-operating
Temperature
0 ~ 60 °C, depends on CPU speed and cooler solution
-40 ~ 85 °C
Humidity
40 °C @ 95% RH Non-condensing
60 °C @ 95% RH Non-condensing
Physical Characteristics
Dimensions
304.8 x 244 mm (12 x 9.6 in)
* ECC will not be supported when paired with Core i5/i7/i9 processors.
** Some Xeon processors have no graphic support. Please check Intel specification for processor graphics availability.
PCI
PCIe x8 PCIe x16 LAN2_USB3_4
DVI1
PCIe x4
LAN1_USB1_2
PMBUS1
BMC_VGA1
DDR4 2933 MHz
Max 128 GB
Intel LGA1200
Socket
LAN3_LAN4
PCIe x4 PCIe x1 AUDIO
HDMI1_VGA1
COM2
LPT1
KBMS1
USB 2.0
5 SATAIII
BMC1
M.2 2280/2242 USB Type-A
Intel W480E PCH
USB 3.0
NEW
All product specifications are subject to change without notice.
Last updated: 20-Sep-2022


Similar Part No. - ASMB-787

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ASMB-781 ADVANTECH-ASMB-781 Datasheet
2Mb / 2P
LGA 1155 Intel짰 Xeon짰 E3 ATX Server Board with 1 PCIe x16 or 2 PCIe x8, Quad LANs
ASMB-781G2-00A1E ADVANTECH-ASMB-781G2-00A1E Datasheet
2Mb / 2P
LGA 1155 Intel짰 Xeon짰 E3 ATX Server Board with 1 PCIe x16 or 2 PCIe x8, Quad LANs
ASMB-781G2-00A1E ADVANTECH-ASMB-781G2-00A1E Datasheet
958Kb / 2P
LGA 1155 Intel짰 Xeon짰 E3 ATX Server Board with 1 PCIe x16 or 2 PCIe x8,Quad LANs
ASMB-781G2-00A1E ADVANTECH-ASMB-781G2-00A1E Datasheet
680Kb / 2P
LGA 1155 Intel짰 Xeon짰 E3/ 2nd Generation Core??ATX Server Board with 1 PCIe x16 or 2 PCIe x8, Quad LANs
20-Jun-2018
ASMB-781G4-00A1E ADVANTECH-ASMB-781G4-00A1E Datasheet
2Mb / 2P
LGA 1155 Intel짰 Xeon짰 E3 ATX Server Board with 1 PCIe x16 or 2 PCIe x8, Quad LANs
More results

Similar Description - ASMB-787

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ASMB-822I ADVANTECH-ASMB-822I Datasheet
1Mb / 2P
Intel LGA2011 Xeon짰 E5 ATX Server Board with 6 x DDR3, 5 x PCIe x16 slot (Gen 3.0), USB 3.0, IPMI
ASMB-586 ADVANTECH-ASMB-586 Datasheet
447Kb / 2P
LGA 1151 Intel® Xeon® E & 8th/9th Generation Core™ MicroATX Server Board with 4 DDR4, 4 PCIe, 6 USB 3.1, 8 SATA3, Quad/Dual LANs, IPMI
20-Sep-2022
ASMB-587 ADVANTECH-ASMB-587 Datasheet
429Kb / 2P
LGA 1200 Intel® Xeon® W & 10th Gen. Core™ MicroATX Server Board with 4 x DDR4, 3 x PCIe, 6 x USB 3.2, 5 x SATA3, Quad/Dual LANs, and IPMI
20-Sep-2022
ASMB-588 ADVANTECH-ASMB-588 Datasheet
429Kb / 2P
LGA 1700 Intel® 12th Gen. Core™ MicroATX Server Board with 4 x DDR5, 3 x PCIe (1 x Gen 5, 2 x Gen 4), 6 x USB 3.2, 5 x SATA3, Quad/Dual LANs, and IPMI
6-Oct-2022
ASMB-610 ADVANTECH-ASMB-610 Datasheet
825Kb / 2P
LGA 1200 Intel® Xeon® W & 10th Gen. Core™ Proprietary Server Board with 4 x DDR4, 1 x PCIeX16, 2 x PCIeX4, 5 x USB 3.2, 3 x SATA 3, Quad LANs and IPMI
6-Jan-2022
ASMB-610V3 ADVANTECH-ASMB-610V3 Datasheet
443Kb / 2P
LGA 1700 Intel® 12th Gen. Core™ Proprietary Server Board with 4 x DDR5, 1 x PCIeX16, 2 x PCIeX4, 5 x USB 3.2, 4 x SATA 3, Quad LANs and IPMI
15-Sep-2022
ASMB-788 ADVANTECH-ASMB-788 Datasheet
1Mb / 2P
LGA 1700 Intel® 12th Gen. Core™ ATX server motherboard, 4 x DDR5, 5 x PCIe (1 x Gen 5, 3 x Gen 4, 1 x Gen 3), 7 x USB 3.2, 4 x SATA3, Quad/Dual LANs, IPMI
November 22, 2022
ASMB-816 ADVANTECH-ASMB-816 Datasheet
575Kb / 2P
LGA 4189 Intel® 3rd Gen Xeon® Scalable ATX Server Board with 8x DDR4, 3x PCIe x16, 8x SATA 3, 6x USB 3.2 (Gen1), Dual 10GbE, and IPMI
21-Sep-2022
ASMB-976 ADVANTECH-ASMB-976 Datasheet
494Kb / 2P
LGA 4189 Intel® Xeon® Scalable Proprietary Server Board with 16x DDR4, 4 x PCIe x16, 10 x SATA3, 8 x USB 3.2 (Gen 1), Dual 10GbE, and IPMI
5-Dec-2022
ASMB-977 ADVANTECH-ASMB-977 Datasheet
493Kb / 2P
Dual LGA4677 4th Gen Intel® Xeon® Scalable Server Board with 16x DDR5, 5 x PCIe x16, 9 x SATA3, 4 x USB 3.2 (Gen 1), Dual 10GbE, and IPMI
9-Mar-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com