Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMB-976 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ASMB-976
Description  LGA 4189 Intel® Xeon® Scalable Proprietary Server Board with 16x DDR4, 4 x PCIe x16, 10 x SATA3, 8 x USB 3.2 (Gen 1), Dual 10GbE, and IPMI
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ASMB-976 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ASMB-976 Datasheet HTML 1Page - Advantech Co., Ltd. ASMB-976 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
ASMB-976
Ordering Information
Part Number
Chipset
Memory
GbE/10GbE LAN
IPMI
Graphics
ASMB-976-00A1
C621A
16 x DDR4 RDIMM/LRDIMM
2/-
-
AST 2510
ASMB-976T2-00A1
C621A
16 x DDR4 RDIMM/LRDIMM
2/2
Yes
AST 2500
Packing List
Part Number
Description
Quantity
2041097600
Startup manual
x 1
1700003194
SATA data cables
x 2
1700022749-11
SATA power cables
x 2
1700019748
CPU power cable
x 2
1930008089
Screw for M.2 device
x 2
1960093947T002
I/O shield
x 1
1651003476-01
LGA4189 CPU carrier
x 2
I/O View
Optional Accessories
Part Number
Description
PCA-AUDIO-HDB1E
HD Audio-card
PCA-TPM-00B1E
TPM 2.0 Module by LPC
1970004902T000
LGA-4189 narrow CPU cooler for 2U/4U chassis (205W)
1700028024-01
Dual port USB USB 3.2 (Gen1) cable (45 cm) with bracket
1701090401
COM port cable (40 cm) with bracket
1700019268-11
PS/2 port cable (35 cm)
1960063434N000
Cable bracket for 1700019268-11
Note:
1. PCA-AUDIO-HDB1E is not compatible with Advantech 3U chassis.
2. Select SATA cable (SFF-8643) from HPC chassis datasheet or contact sales representative.
ASMB-976-00A1
ASMB-976T2-00A1
Intel LGA 4189
3rd Gen Xeon®
Scalable Processors
(CPU1)
Intel LGA 4189
3rd Gen Xeon®
Scalable Processors
(CPU0)
UPI Port1: 11.2GT/s
UPI Port0: 11.2GT/s
UPI Port2: 11.2GT/s
Channel 0
ECC DDR4 2666/2933/3200
Channel 1
ECC DDR4 2666/2933/3200
Channel 2
ECC DDR4 2666/2933/3200
Channel 3
ECC DDR4 2666/2933/3200
Channel 4
ECC DDR4 2666/2933/3200
Channel 5
ECC DDR4 2666/2933/3200
Channel 6
ECC DDR4 2666/2933/3200
Channel 7
Channel 0
Channel 1
Channel 2
Channel 3
Channel 4
Channel 5
Channel 6
Channel 7
ECC DDR4 2666/2933/3200
ECC DDR4 2666/2933/3200
ECC DDR4 2666/2933/3200
ECC DDR4 2666/2933/3200
ECC DDR4 2666/2933/3200
ECC DDR4 2666/2933/3200
ECC DDR4 2666/2933/3200
ECC DDR4 2666/2933/3200
ECC DDR4 2666/2933/3200
PCIe x8 Slot
PCIe Gen4 x8
PCIe Gen4 x8
PCIe Gen4 x8
PCIe Gen4 x8
PCIe Gen4 x16
PCIe Gen4 x16
Slot 2
PCIe x8 Slot
Slot 4
PCIe x16 Slot
Slot 7
PCIe x16 Slot
Slot 9
PCIe x8 Slot
Slot 10
PCIe x8 Slot
Slot 11
PCIe x8 Slot
Slot 1
PCIe x16 Slot
Slot 3
PCIe x16 Slot
Slot 5
PCIe x8 Slot
Slot 6
PCIe x8 Slot
1 x M.2 2280_1
Slot 8
SATA
Intel C621A PCH
LAN3/LAN4
Intel X550-AT2
8 x SATA3
(RAID 0,1,5,10)
USB 3.2 Gen1
9 x USB3.2(gen 1)
(2 Rear / 6 on board /
1 type A)
sSATA
2 x SATA3
(RAID 0,1)
sSATA
PCIe Gen3
1 x M.2 2280_2
USB 2.0
1 x USB2.0
(1 type A)
HD Audio
HD Conn.
MDI
RJ45
1G/10G
MDI
MDI
MDI
RJ45
1G/10G
RJ45
10M/100M/1G
NC-SI
USB 2.0
PCIe Gen2 x1
SPI
SPI Flash 32MB
DDR4
DRAM
RGB
VGA Conn.
EC
IT8528E
SPI BIOS
256M-bit
LPC BUS
PCIe Gen1 x1
RJ45
10M/100M/1G
MDI
BMC
AST2500
LPC Conn.
LAN1 Intel I210
LAN2 Intel I210
Realtek 8201F
RJ45
10M/100M
PCIe Gen1 x1
2 x RS-232 Header/Conn.
8 bit GPIO Pin Header
PS/2 KB, MS
9 x FAN Conn.
PCIe Gen4 x8
PCIe Gen4 x16
PCIe Gen4 x16
PCIe Gen4 x8
PCIe Gen4 x8
PCIe Gen4 x4
PCIe Gen4 x4



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com