Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMB-976 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ASMB-976
Description  LGA 4189 Intel® Xeon® Scalable Proprietary Server Board with 16x DDR4, 4 x PCIe x16, 10 x SATA3, 8 x USB 3.2 (Gen 1), Dual 10GbE, and IPMI
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ASMB-976 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ASMB-976 Datasheet HTML 1Page - Advantech Co., Ltd. ASMB-976 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Server Boards
Features
ƒ
LGA4189 proprietary server board with 3rd Gen Intel® Xeon® scalable
processor
ƒ
DDR4 3200 MHz RDIMM up to 2TB supports Intel® Optane™ Persistent
Memory
ƒ
4 x PCIe x16 and 7 x PCIe x8
ƒ
Intel® X550 dual 10GbE ports
ƒ
Ten SATA3 and two M.2 connectors (SATA/PCIe compatible)
ƒ
0 ~ 40 °C ( 32 ~ 104 °F) ambient operating temperature range
LGA 4189 Intel® Xeon® Scalable
Proprietary Server Board with 16x DDR4,
4 x PCIe x16, 10 x SATA3, 8 x USB 3.2
(Gen 1), Dual 10GbE, and IPMI
Specifications
Form Factor
Proprietary 380 x 346 mm (14.96" x 13.64")
Processor System
Socket
Intel® LGA4189
CPU type
3rd Gen Intel® Xeon® Scalable processors(CPU cooler should be purchased separately and TDP up to 270W*)
Core Logic
Chipset
Intel® C621A chipset
Memory
Total slots
16 (1 DIMM per channel)
Capacity
Maximum 2TB ECC LRDIMM
Maximum 1TB ECC RDIMM
Memory type
DDR4 ECC-REG 2666/2933/3200 MHz RDIMM/LRDIMM, support Intel® Optane™ Persistent Memory
Memory size
8 GB, 16 GB, 32 GB, 64 GB, 128 GB (LRDIMM)
Expansion Slots
Total PCIe slots
11
Slot location 1
PCIe x8 slot (x8 link), signal from CPU0
Slot location 2
PCIe x8 slot (x8 link), signal from CPU1
Slot location 3
PCIe x16 slot (x16 link), signal from CPU0
Slot location 4
PCIe x8 slot (x8 link), signal from CPU1
Slot location 5
PCIe x16 slot (x16 link), signal from CPU0
Slot location 6
PCIe x8 slot (x8 link), signal from CPU0
Slot location 7
PCIe x16 slot (x16 link), signal from CPU1
Slot location 8
PCIe x8 slot (x8 link), signal from CPU0
Slot location 9
PCIe x16 slot (x16 link), signal from CPU1
Slot location 10
PCIe x8 slot (x8 link), signal from CPU1
Slot location 11
PCIe x8 slot (x8 link), signal from CPU1
Graphics
VGA
Aspeed AST 2500
Storage
SATA controller
Intel C621A: 8 x SATA3.0 (6 Gb/s) via Mini SAS HD (SFF-8643), support software RAID 0,1,5,10
2 x SATA3.0 (6 Gb/s) support software RAID 0,1
SAS controller
-
Networking
GbE/10GbE LAN
2 x Intel® I210AT / Intel® X550-AT2 (dual 10GbE ports)
Onboard I/O
PSU connector
24-pin SSI power connector + 6 x 8-pin SSI 12 V power connector
USB connector
6 x USB 3.2 Gen 1 ports (three onboard headers) + 1 x Type-A USB 3.2 Gen 1 port + 1 x Type-A USB 2.0 port
Fan header
9 x 4-pin (2 for CPU + 7 for system)
M.2
1 x M.2 2280 B+M key (SATA and PCIe) + 1 x M.2 2280 B+M key (PCIe)
SMBus
1
Chassis intruder
1
Front LAN LED
1
Audio Header
1
PS/2 Keyboard/Mouse header
1
Serial port header
1
Rear I/O Connector
External serial port
1
External USB port
2 (USB 3.2 Gen. 1)
VGA port
1
RJ-45
5 (1 port dedicated for IPMI function)
PS/2 KB/mouse
-
Infiniband
-
Management Solution
Software
-
Out of band remote management
Yes
Monitoring
CPU temperature
Yes
System monitoring
Yes
Watchdog Timer
Output
System reset
Interval
Programmable 1 ~ 255 sec/min
Power Requirements
Power On
3.3V
5V
12V
5Vsb
-12V
8P_CPU0
8P_CPU1
(220W CPU@2.6GHz DDR4 2666 32G*16)
1.91A
2.94A
3.98A
0.28A
0.01A
22.79A
22.84A
Environment
Operating
Non-operating
Temperature
0 ~ 40 °C (32 ~ 104 °F), depends on CPU speed and cooler solution
-40 ~ 85 °C (-40 ~ 185 °F)
Humidity
10% ~ 95%
10% ~ 95% (Non condensing)
Physical Characteristics
Dimensions (L x H)
380 x 346 mm (14.96" x 13.64")
*CPU power design supports up to 270W TDP. Please consider additional air thermal solution while using CPU > 205W TDP.
ASMB-976
All product specifications are subject to change without notice.
Last updated: 5-Dec-2022


Similar Part No. - ASMB-976

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ASMB-975 ADVANTECH-ASMB-975 Datasheet
470Kb / 2P
Dual LGA 3647-P0 Intel짰 Xeon짰 Scalable Proprietary Server Board with 12 DDR4, 4 PCIe x16 1 PCIe x84 PCIe x4, 14 SATA3, 8 USB3.0, Dual 10GbE, IPMI
22-Sep-2017
ASMB-975-00A1 ADVANTECH-ASMB-975-00A1 Datasheet
470Kb / 2P
Dual LGA 3647-P0 Intel짰 Xeon짰 Scalable Proprietary Server Board with 12 DDR4, 4 PCIe x16 1 PCIe x84 PCIe x4, 14 SATA3, 8 USB3.0, Dual 10GbE, IPMI
22-Sep-2017
ASMB-975I-00A1 ADVANTECH-ASMB-975I-00A1 Datasheet
470Kb / 2P
Dual LGA 3647-P0 Intel짰 Xeon짰 Scalable Proprietary Server Board with 12 DDR4, 4 PCIe x16 1 PCIe x84 PCIe x4, 14 SATA3, 8 USB3.0, Dual 10GbE, IPMI
22-Sep-2017
ASMB-975T2-00A1 ADVANTECH-ASMB-975T2-00A1 Datasheet
470Kb / 2P
Dual LGA 3647-P0 Intel짰 Xeon짰 Scalable Proprietary Server Board with 12 DDR4, 4 PCIe x16 1 PCIe x84 PCIe x4, 14 SATA3, 8 USB3.0, Dual 10GbE, IPMI
22-Sep-2017
ASMB-977 ADVANTECH-ASMB-977 Datasheet
493Kb / 2P
Dual LGA4677 4th Gen Intel® Xeon® Scalable Server Board with 16x DDR5, 5 x PCIe x16, 9 x SATA3, 4 x USB 3.2 (Gen 1), Dual 10GbE, and IPMI
9-Mar-2023
More results

Similar Description - ASMB-976

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ASMB-587 ADVANTECH-ASMB-587 Datasheet
429Kb / 2P
LGA 1200 Intel® Xeon® W & 10th Gen. Core™ MicroATX Server Board with 4 x DDR4, 3 x PCIe, 6 x USB 3.2, 5 x SATA3, Quad/Dual LANs, and IPMI
20-Sep-2022
ASMB-588 ADVANTECH-ASMB-588 Datasheet
429Kb / 2P
LGA 1700 Intel® 12th Gen. Core™ MicroATX Server Board with 4 x DDR5, 3 x PCIe (1 x Gen 5, 2 x Gen 4), 6 x USB 3.2, 5 x SATA3, Quad/Dual LANs, and IPMI
6-Oct-2022
ASMB-610 ADVANTECH-ASMB-610 Datasheet
825Kb / 2P
LGA 1200 Intel® Xeon® W & 10th Gen. Core™ Proprietary Server Board with 4 x DDR4, 1 x PCIeX16, 2 x PCIeX4, 5 x USB 3.2, 3 x SATA 3, Quad LANs and IPMI
6-Jan-2022
ASMB-622 ADVANTECH-ASMB-622 Datasheet
558Kb / 2P
Dual LGA 4189 Intel® Xeon® Scalable Proprietary Server Board with 16 DDR4, 4 PCIe x16, 3 PCIe x8, 1 PCIe x4, 5 SATA3, 4 USB3.0, IPMI
22-Jul-2021
ASMB-787 ADVANTECH-ASMB-787 Datasheet
442Kb / 2P
LGA 1200 Intel® Xeon® W & 10th Gen. Core™ ATX Server Board with 4 x DDR4, 5 x PCIe, 2 x PCI, 6 x USB 3.2, 5 x SATA 3, Quad/Dual LANs, and IPMI
20-Sep-2022
ASMB-816 ADVANTECH-ASMB-816 Datasheet
575Kb / 2P
LGA 4189 Intel® 3rd Gen Xeon® Scalable ATX Server Board with 8x DDR4, 3x PCIe x16, 8x SATA 3, 6x USB 3.2 (Gen1), Dual 10GbE, and IPMI
21-Sep-2022
ASMB-817 ADVANTECH-ASMB-817 Datasheet
461Kb / 2P
LGA 4677 Intel® 4th Gen Xeon® Scalable ATX Server Board with 8x DDR5, 3x PCIe x16, 8x SATA 3, 4x USB 3.2 (Gen1), Dual 10GbE, and IPMI
25-Nov-2022
ASMB-927 ADVANTECH-ASMB-927 Datasheet
424Kb / 2P
Dual LGA4677 Intel® 4th Gen Xeon® Scalable EATX Server Board with 16 DDR5, 4 PCIe x16, 9 SATA3.0, 6 USB 3.2 (Gen1), Dual 10GbE, and IPMI
8-Feb-2023
ASMB-935 ADVANTECH-ASMB-935 Datasheet
444Kb / 2P
Dual LGA3647-P0 Intel® Xeon® Scalable EATX Server Board with 24 DDR4, 5 PCIe x16 1 PCIe x8, 10 SATA3.0, 6 USB3.0, Dual 10GbE, IPMI
17-Feb-2022
ASMB-977 ADVANTECH-ASMB-977 Datasheet
493Kb / 2P
Dual LGA4677 4th Gen Intel® Xeon® Scalable Server Board with 16x DDR5, 5 x PCIe x16, 9 x SATA3, 4 x USB 3.2 (Gen 1), Dual 10GbE, and IPMI
9-Mar-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com