Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMB-977 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ASMB-977
Description  Dual LGA4677 4th Gen Intel® Xeon® Scalable Server Board with 16x DDR5, 5 x PCIe x16, 9 x SATA3, 4 x USB 3.2 (Gen 1), Dual 10GbE, and IPMI
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ASMB-977 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ASMB-977 Datasheet HTML 1Page - Advantech Co., Ltd. ASMB-977 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
ASMB-977
Block Diagram
Ordering Information
Part Number
Chipset
Memory
GbE/10GbE LAN
IPMI
Graphics
ASMB-977I-00A1
C741
16 x DDR5 RDIMM
2/-
Yes
AST 2600
ASMB-977T2-00A1
C741
16 x DDR5 RDIMM
2/2
Yes
AST 2600
Packing List
Part Number
Description
Quantity
2042097700
Startup manual
x 1
1700003194
SATA data cables
x 1
1700022749-11
SATA power cables
x 1
1700019748
CPU power cable
x 2
1930005673-11
Screw for M.2 device
x 1
1960093947T002
I/O shield
x 1
1651003739-01
LGA4677 CPU carrier - E1B
x 2
Optional Accessories
Part Number
Description
PCA-AUDIO-HDB1E
HD Audio-card
1970005276T001
LGA4677 CPU cooler for 2U/4U chassis (205W)
1700028024-01
Dual port USB USB 3.2 (Gen1) cable (45 cm/17.7") with bracket
1701090401
COM port cable with bracket
1700019268-11
PS/2 port cable (35 cm/13.7")
1960063434N000
Cable bracket for 1700019268-11
Note:
1. PCA-AUDIO-HDB1E is not compatible with 3U chassis.
2. Select SATA cable (SFF-8643) from HPC chassis datasheet or contact sales representative.
I/O View
ASMB-977I-00A1
ASMB-977T2-00A1
UPI Port1 : 16GT/s
UPI Port0 : 16GT/s
UPI Port2 : 16GT/s
Channel 0
ECC DDR5 4400/4800
Channel 1
ECC DDR5 4400/4800
Channel 2
ECC DDR5 4400/4800
Channel 3
ECC DDR5 4400/4800
Channel 4
ECC DDR5 4400/4800
Channel 5
ECC DDR5 4400/4800
Channel 6
ECC DDR5 4400/4800
Channel 7
Channel 0
Channel 1
Channel 2
Channel 3
Channel 4
Channel 5
Channel 6
Channel 7
ECC DDR5 4400/4800
ECC DDR5 4400/4800
ECC DDR5 4400/4800
ECC DDR5 4400/4800
ECC DDR5 4400/4800
ECC DDR5 4400/4800
ECC DDR5 4400/4800
ECC DDR5 4400/4800
ECC DDR5 4400/4800
PCIe x8 Slot
PCIe Gen4 x8
PCIe Gen4 x8
PCIe Gen4 x8
PCIe Gen4 x8
PCIe Gen5 x16
PCIe Gen5 x16
Slot5
PCIe x8 Slot
Slot 7
PCIe x16 Slot
Slot 8
PCIe x16 Slot
Slot 9
PCIe x8 Slot
Slot 10
PCIe x8 Slot
Slot 11
PCIe x8 Slot
Slot 1
PCIe x16 Slot
Slot 2
PCIe x16 Slot
Slot 4
PCIe x16 Slot
Slot 6
1 x M.2
SATA
Intel C741 PCH
Intel
X710-AT2
8 x SATA3 (8643)
SATA
PCIe Gen3 x4
1 x SATA3
USB 2.0
1 x USB2.0
HD Audio
SPI BUS
HD Conn.
SATA
1 x M.2
2242 / 2280
USB 3.1
2 x USB 3.2 Gen1
2 x USB 3.2 Gen1
TPM Inneon
SLB9670VQ2.0
MDI
RJ45
100M/1G/10G
MDI
MDI
MDI
RJ45
100M/1G/10G
RJ45
10M/100M/1G
RMII3
USB 2.0
PCIe Gen2 x1
SPI
SPI Flash 32MB
DDR4
DRAM
RGB
VGA Conn.
EC
IT5121VG
SPI BIOS
512M-bit
eSPI BUS
PCIe Gen1 x1
PCIe Gen1 x1
RJ45
10M/100M/1G
MDI
BMC
AST2600
eSPI Conn.
LAN1 Intel I210
LAN2 Intel I210
RTL8211FSI
RJ45
10M/100M
8 x FAN Conn.
8 bit GPIO Pin Header
PS/2 KB, MS
PCIe Gen4 x8
PCIe Gen5 x16
PCIe Gen5 x16
PCIe Gen5 x16
PCIe Gen3 x4
PCIe Gen4 x4
2 x RS-232 Header/Conn.
4th Gen Intel Xeon
Scalable
Processors
(LGA4677) (CPU1)
4th Gen Intel Xeon
Scalable Processors
(LGA4677) (CPU0)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com