Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMB-977 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ASMB-977
Description  Dual LGA4677 4th Gen Intel® Xeon® Scalable Server Board with 16x DDR5, 5 x PCIe x16, 9 x SATA3, 4 x USB 3.2 (Gen 1), Dual 10GbE, and IPMI
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ASMB-977 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ASMB-977 Datasheet HTML 1Page - Advantech Co., Ltd. ASMB-977 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Server Boards
Features
ƒ
LGA4677 server board with 4th Gen Intel® Xeon® scalable processor
ƒ
DDR5 4800 MHz RDIMM up to 4TB (16 DIMMS), and Intel® Optane™
support
ƒ
5 x PCIe x16 and 5 x PCIe x8
ƒ
Intel® X710-AT2 dual 10GbE ports
ƒ
9 x SATA3 and 2x M.2 connectors (SATA/PCIe compatible)
ƒ
0 ~ 40 °C ( 32 ~ 104 °F) ambient operating temperature range
Dual LGA4677 4th Gen Intel® Xeon®
Scalable Server Board with 16x DDR5,
5 x PCIe x16, 9 x SATA3, 4 x USB 3.2
(Gen 1), Dual 10GbE, and IPMI
Specifications
Form Factor
Proprietary
Processor System
Socket
Dual Intel® LGA4677
CPU type
4th Gen Intel Intel® Xeon® Scalable processors(CPU cooler should be purchased separately and TDP up to 205W*)
Core Logic
Chipset
Intel® C741 chipset
Memory
Total slots
16 (1 DIMM per channel)
Capacity
Maximum 4TB ECC RDIMM
Memory type
DDR5 ECC-REG 3200/3600/4000/4400/4800 MHz RDIMM, support Intel® Optane™ Persistent Memory
Memory size
16GB, 32GB, 64GB, 128GB, 256GB
Expansion Slots
Total PCIe slots
10
Slot location 1
PCIe x 8 slot (x8 link), signal from CPU0 (Gen4)
Slot location 2
PCIe x 16 slot (x16 link), signal from CPU0 (Gen5)
Slot location 3
N/A
Slot location 4
PCIe x 16 slot (x16 link), signal from CPU0 (Gen5)
Slot location 5
PCIe x 8 slot (x8 link), signal from CPU1 (Gen4)
Slot location 6
PCIe x 16 slot (x16 link), signal from CPU0 (Gen5)
Slot location 7
PCIe x 8 slot (x8 link), signal from CPU1 (Gen4)
Slot location 8
PCIe x 16 slot (x16 link), signal from CPU1 (Gen5)
Slot location 9
PCIe x 16 slot (x16 link), signal from CPU1 (Gen5)
Slot location 10
PCIe x 8 slot (x8 link), signal from CPU1 (Gen4)
Slot location 11
PCIe x 8 slot (x8 link), signal from CPU1 (Gen4)
Graphics
VGA
Aspeed AST 2600
Storage
SATA controller
Intel® C741: 8 x SATA3.0 (6 Gb/s) via Mini SAS HD (SFF-8643), support software RAID 0,1,5,10
1 x SATA3.0 (6 Gb/s)
SAS controller
-
Networking
GbE/10GbE LAN
2 x Intel® I210AT / Intel® X710-AT2 (dual 10GbE ports)
Onboard I/O
PSU connector
24-pin SSI power connector + 6 x 8-pin SSI 12 V power connector
USB connector
2 x USB 3.2 Gen 1 ports (one onboard header) + 1 x Type-A USB 2.0 port
Fan header
7 x 4-pin (2 for CPU + 5 for system) + 2 x 8-pin (for external rear fan)
M.2
1 x M.2 2242/2280 B+M key (SATA and PCIe) + 1 x M.2 2242/2280 B+M key (PCIe)
SMBus
1
Chassis intrusion
1
Front LAN LED
1
Audio Header
1
PS/2 Keyboard/Mouse header
1
Serial port header
1
Rear I/O Connector
External serial port
1
External USB port
2 (USB 3.2 Gen. 1)
VGA port
1
RJ-45
5 (1 port dedicated for IPMI function) for T2 SKU/3 (1 port dedicated for IPMI function) for I SKU
PS/2 KB/mouse
-
Infiniband
-
Management Solution
Software
-
Out of band remote management
Yes
Monitoring
CPU temperature
Yes
System monitoring
Yes
Watchdog Timer
Output
System reset
Interval
Programmable 1 ~ 255 sec/min
Power Requirements
Power On
3.3V
5V
12V
5Vsb
-12V
8P_CPU0
8P_CPU1
(205W CPU@1.6GHz DDR5 4800 64G*16)
2.43A
1.76A
18.12A
1.54A
0A
16.29A
13.91A
Environment
Operating
Non-operating
Temperature
0 ~ 40 °C (32 ~ 104 °F), depends on CPU speed and cooler solution
-40 ~ 85 °C (-40 ~ 185 °F)
Humidity
10% ~ 95%
10% ~ 95% (Non condensing)
Physical Characteristics
Dimensions (L x H)
380 x 349.5 mm (14.96" x 13.76")
*CPU power design supports up to 225W TDP. Please consider additional air thermal solution while using CPU > 205W TDP.
ASMB-977
All product specifications are subject to change without notice.
Last updated: 9-Mar-2023


Similar Part No. - ASMB-977

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ASMB-975 ADVANTECH-ASMB-975 Datasheet
470Kb / 2P
Dual LGA 3647-P0 Intel짰 Xeon짰 Scalable Proprietary Server Board with 12 DDR4, 4 PCIe x16 1 PCIe x84 PCIe x4, 14 SATA3, 8 USB3.0, Dual 10GbE, IPMI
22-Sep-2017
ASMB-975-00A1 ADVANTECH-ASMB-975-00A1 Datasheet
470Kb / 2P
Dual LGA 3647-P0 Intel짰 Xeon짰 Scalable Proprietary Server Board with 12 DDR4, 4 PCIe x16 1 PCIe x84 PCIe x4, 14 SATA3, 8 USB3.0, Dual 10GbE, IPMI
22-Sep-2017
ASMB-975I-00A1 ADVANTECH-ASMB-975I-00A1 Datasheet
470Kb / 2P
Dual LGA 3647-P0 Intel짰 Xeon짰 Scalable Proprietary Server Board with 12 DDR4, 4 PCIe x16 1 PCIe x84 PCIe x4, 14 SATA3, 8 USB3.0, Dual 10GbE, IPMI
22-Sep-2017
ASMB-975T2-00A1 ADVANTECH-ASMB-975T2-00A1 Datasheet
470Kb / 2P
Dual LGA 3647-P0 Intel짰 Xeon짰 Scalable Proprietary Server Board with 12 DDR4, 4 PCIe x16 1 PCIe x84 PCIe x4, 14 SATA3, 8 USB3.0, Dual 10GbE, IPMI
22-Sep-2017
ASMB-976 ADVANTECH-ASMB-976 Datasheet
494Kb / 2P
LGA 4189 Intel® Xeon® Scalable Proprietary Server Board with 16x DDR4, 4 x PCIe x16, 10 x SATA3, 8 x USB 3.2 (Gen 1), Dual 10GbE, and IPMI
5-Dec-2022
More results

Similar Description - ASMB-977

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ASMB-587 ADVANTECH-ASMB-587 Datasheet
429Kb / 2P
LGA 1200 Intel® Xeon® W & 10th Gen. Core™ MicroATX Server Board with 4 x DDR4, 3 x PCIe, 6 x USB 3.2, 5 x SATA3, Quad/Dual LANs, and IPMI
20-Sep-2022
ASMB-588 ADVANTECH-ASMB-588 Datasheet
429Kb / 2P
LGA 1700 Intel® 12th Gen. Core™ MicroATX Server Board with 4 x DDR5, 3 x PCIe (1 x Gen 5, 2 x Gen 4), 6 x USB 3.2, 5 x SATA3, Quad/Dual LANs, and IPMI
6-Oct-2022
ASMB-622 ADVANTECH-ASMB-622 Datasheet
558Kb / 2P
Dual LGA 4189 Intel® Xeon® Scalable Proprietary Server Board with 16 DDR4, 4 PCIe x16, 3 PCIe x8, 1 PCIe x4, 5 SATA3, 4 USB3.0, IPMI
22-Jul-2021
ASMB-787 ADVANTECH-ASMB-787 Datasheet
442Kb / 2P
LGA 1200 Intel® Xeon® W & 10th Gen. Core™ ATX Server Board with 4 x DDR4, 5 x PCIe, 2 x PCI, 6 x USB 3.2, 5 x SATA 3, Quad/Dual LANs, and IPMI
20-Sep-2022
ASMB-788 ADVANTECH-ASMB-788 Datasheet
1Mb / 2P
LGA 1700 Intel® 12th Gen. Core™ ATX server motherboard, 4 x DDR5, 5 x PCIe (1 x Gen 5, 3 x Gen 4, 1 x Gen 3), 7 x USB 3.2, 4 x SATA3, Quad/Dual LANs, IPMI
November 22, 2022
ASMB-816 ADVANTECH-ASMB-816 Datasheet
575Kb / 2P
LGA 4189 Intel® 3rd Gen Xeon® Scalable ATX Server Board with 8x DDR4, 3x PCIe x16, 8x SATA 3, 6x USB 3.2 (Gen1), Dual 10GbE, and IPMI
21-Sep-2022
ASMB-817 ADVANTECH-ASMB-817 Datasheet
461Kb / 2P
LGA 4677 Intel® 4th Gen Xeon® Scalable ATX Server Board with 8x DDR5, 3x PCIe x16, 8x SATA 3, 4x USB 3.2 (Gen1), Dual 10GbE, and IPMI
25-Nov-2022
ASMB-927 ADVANTECH-ASMB-927 Datasheet
424Kb / 2P
Dual LGA4677 Intel® 4th Gen Xeon® Scalable EATX Server Board with 16 DDR5, 4 PCIe x16, 9 SATA3.0, 6 USB 3.2 (Gen1), Dual 10GbE, and IPMI
8-Feb-2023
ASMB-935 ADVANTECH-ASMB-935 Datasheet
444Kb / 2P
Dual LGA3647-P0 Intel® Xeon® Scalable EATX Server Board with 24 DDR4, 5 PCIe x16 1 PCIe x8, 10 SATA3.0, 6 USB3.0, Dual 10GbE, IPMI
17-Feb-2022
ASMB-976 ADVANTECH-ASMB-976 Datasheet
494Kb / 2P
LGA 4189 Intel® Xeon® Scalable Proprietary Server Board with 16x DDR4, 4 x PCIe x16, 10 x SATA3, 8 x USB 3.2 (Gen 1), Dual 10GbE, and IPMI
5-Dec-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com