Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1387607 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1387607
Description  Patch cable - NBC-R4ACS-IE8A/.../...
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1387607 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1387607 Datasheet HTML 1Page - PHOENIX CONTACT 1387607 Datasheet HTML 2Page - PHOENIX CONTACT 1387607 Datasheet HTML 3Page - PHOENIX CONTACT 1387607 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
Patch cable, degree of protection: IP20, number of positions: 8, 10 Gbps, CAT6A, connection
cross section: AWG 26- 26, cable outlet: straight, Ethernet
Your advantages
Perfect for industrial applications
•
PVC cable for flexible installations
•
Worldwide approval with CE, UL, WEEE, and EAC
•
Secure connection and disconnection with reliable locking clip protection
•
Ideal EMC properties, thanks to 360° shielding
•
Simultaneous power transmission with PoE++
•
Resistant to shock and vibrations, thanks to robust molding
•
Future-proof high-speed data transmission with up to 10 Gbps (CAT6<sub>A</sub>)
•
Commercial Data
Item number
1387607
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to Order (non-returnable)
Product Key
ABNAAK
Weight per Piece (including packing)
22.22 g
Weight per Piece (excluding packing)
22.22 g
Country of origin
PL
Patch cable - NBC-R4ACS-IE8A/.../...
1387607
https://www.phoenixcontact.com/us/products/1387607
Feb 10, 2023, 8:04 AM
Page 1 (4)


Similar Part No. - 1387607

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1387606 PHOENIX-1387606 Datasheet
228Kb / 7P
NBC-R4ACS-R4ACS-IE8A/.../... - Patch cable
More results

Similar Description - 1387607

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1112907 PHOENIX-1112907 Datasheet
185Kb / 5P
Patch cable - NBC-R4ACS/3,0-94F/R4ACS
1112912 PHOENIX-1112912 Datasheet
178Kb / 5P
Patch cable - NBC-R4ACS/5,0-94C/R4ACS
1112926 PHOENIX-1112926 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/0,3-93M/R4ACS
1112928 PHOENIX-1112928 Datasheet
177Kb / 4P
Patch cable - NBC-R4ACS/3,0-93K/R4ACS
1113327 PHOENIX-1113327 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/20,0-93B/R4ACS
1113330 PHOENIX-1113330 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/7,5-93B/R4ACS
1247656 PHOENIX-1247656 Datasheet
343Kb / 11P
Patch cable - NBC-R4ACS-R4ACS-PN4/.../...
1112823 PHOENIX-1112823 Datasheet
221Kb / 6P
NBC-R4ACS/3,0-93B/R4ACS - Patch cable
1387606 PHOENIX-1387606 Datasheet
228Kb / 7P
NBC-R4ACS-R4ACS-IE8A/.../... - Patch cable
1112908 PHOENIX-1112908 Datasheet
231Kb / 8P
NBC-R4ACS/2,0-94F/R4ACS - Patch cable
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com