Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1387607 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1387607
Description  Patch cable - NBC-R4ACS-IE8A/.../...
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1387607 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1387607 Datasheet HTML 1Page - PHOENIX CONTACT 1387607 Datasheet HTML 2Page - PHOENIX CONTACT 1387607 Datasheet HTML 3Page - PHOENIX CONTACT 1387607 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Product properties
Product type
Data cable preassembled
Number of positions
8
Locking type
Locking clips
Shielded
yes
Cable outlet
straight
Insulation characteristics
Overvoltage category
I
Degree of pollution
2
LED signaling
Status display
no
Electrical properties
Rated current
1.5 A
Insulation resistance
> 1 TΩ
Contact resistance
< 20 mΩ
Material specifications
Flammability rating according to UL 94
V2
Contact material
CuSn6
Contact surface material
Ni/Au
Contact carrier material
PC
Dimensions
Width
13.8 mm
Height
14.8 mm
Length
44.2 mm
Connector
Connection 1
Handle color
black
Insertion/withdrawal cycles
≥ 750
Degree of protection
IP20
Environmental and real-life conditions
Ambient conditions
Degree of protection
IP20
Ambient temperature (operation)
-40 °C ... 85 °C (RJ45 connector)
Ambient temperature (storage/transport)
-40 °C ... 85 °C (RJ45 connector)
Patch cable - NBC-R4ACS-IE8A/.../...
1387607
https://www.phoenixcontact.com/us/products/1387607
Feb 10, 2023, 8:04 AM
Page 2 (4)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com