Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71V321 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 71V321
Description  HIGH SPEED 3.3V 2K X 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

71V321 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 71V321 Datasheet HTML 8Page - Renesas Technology Corp 71V321 Datasheet HTML 9Page - Renesas Technology Corp 71V321 Datasheet HTML 10Page - Renesas Technology Corp 71V321 Datasheet HTML 11Page - Renesas Technology Corp 71V321 Datasheet HTML 12Page - Renesas Technology Corp 71V321 Datasheet HTML 13Page - Renesas Technology Corp 71V321 Datasheet HTML 14Page - Renesas Technology Corp 71V321 Datasheet HTML 15Page - Renesas Technology Corp 71V321 Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
6.42
71V321L
High Speed 3.3V 2K x 8 Dual-Port Static RAM with Interrupts
Industrial and Commercial Temperature Ranges
13
Busy Logic
BusyLogicprovidesahardwareindicationthatbothportsoftheRAM
haveaccessedthesamelocationatthesametime.Italsoallowsoneofthe
twoaccessestoproceedandsignalstheothersidethattheRAMis“Busy”.
TheBUSYpincanthenbeusedtostalltheaccessuntiltheoperationon
theothersideiscompleted.Ifawriteoperationhasbeenattemptedfrom
thesidethatreceivesabusyindication,thewritesignalisgatedinternally
topreventthewritefromproceeding.
TheuseofBUSYLogicisnotrequiredordesirableforallapplications.
InsomecasesitmaybeusefultologicallyORtheBUSYoutputstogether
and use any BUSY indication as an interrupt source to flag the event of
an illegal or illogical operation.
Depth Expansion
The BUSY arbitration, is based on the chip enable and address
signals only. It ignores whether an access is a read or write.
TheBUSYoutputsontheIDT71V321aretotem-poletypeoutputsand
do not require pull-up resistors to operate. If these RAMs are being
expanded in depth, then the BUSY indication for the resulting array
requires the use of an external AND gate
Functional Description
The IDT7V1321 provides two ports with separate control, address
and I/O pins that permit independent access for reads or writes to any
location in memory. The IDT71V321 has an automatic power down
feature controlled by CE. TheCEcontrolson-chippowerdowncircuitry
that permits the respective port to go into a standby mode when not
selected(CE=VIH).Whenaportisenabled,accesstotheentirememory
arrayispermitted.
Interrupts
Iftheuserchoosestheinterruptfunction,amemorylocation(mailbox
or message center) is assigned to each port. The left port interrupt flag
(INTL) is asserted when the right port writes to memory location 7FE
(HEX), whereawriteisdefinedastheCER =R/WR=VILperTruthTable
II.Theleftportclearstheinterruptbyaccessingaddresslocation7FEwhen
CEL = OEL = VIL,R/W is a "don't care". Likewise, the right port interrupt
flag (INTR) is asserted when the left port writes to memory location 7FF
(HEX)andtocleartheinterruptflag(INTR),therightportmustaccessthe
memorylocation7FF.Themessage(8bits)at7FEor7FFisuser-defined,
sinceitisanaddressableSRAMlocation.Iftheinterruptfunctionisnotused,
address locations 7FE and 7FF are not used as mail boxes, but as part
of the random access memory. Refer to Truth Table II for the interrupt
operation.
3026 drw 16
BUSYR
MASTER
Dual Port
RAM
BUSYL
BUSYR
CE
MASTER
Dual Port
RAM
BUSYL
BUSYR
CE
BUSYL
Figure3.Busyandchipenableroutingfor depth
expansionwithIDT71V321.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com