Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71V321 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # 71V321
Description  HIGH SPEED 3.3V 2K X 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

71V321 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button 71V321 Datasheet HTML 8Page - Renesas Technology Corp 71V321 Datasheet HTML 9Page - Renesas Technology Corp 71V321 Datasheet HTML 10Page - Renesas Technology Corp 71V321 Datasheet HTML 11Page - Renesas Technology Corp 71V321 Datasheet HTML 12Page - Renesas Technology Corp 71V321 Datasheet HTML 13Page - Renesas Technology Corp 71V321 Datasheet HTML 14Page - Renesas Technology Corp 71V321 Datasheet HTML 15Page - Renesas Technology Corp 71V321 Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
6.42
71V321L
High Speed 3.3V 2K x 8 Dual-Port Static RAM with Interrupts
Industrial and Commercial Temperature Ranges
15
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
Datasheet Document History
03/24/99:
Initiated datasheet document history
Convertedtonewformat
Cosmeticandtypographicalcorrections
Page 2 Added additional notes to pin configurations
06/15/99:
Changed drawing format
10/15/99:
Page 12 Changed open drain to totem-pole in Table III, note 1
10/21/99:
Page 13 Deleted 'does not' in copy from Busy Logic
11/12/99:
Replaced IDT logo
01/12/01:
Page 1 & 2 Moved full "Description" to page 2 and adjusted page layouts
Page 3 Increased storage temperature parameters
Clarified TA parameter
Page 4 DC Electrical parameters–changed wording from "open" to "disabled"
Changed ±200mV to 0mV in notes
08/22/01:
Page 4, 5, 7, 9 &11 Industrial temp range offering removed from DC & AC Electrical Chars for 35 and 55ns
01/17/06:
Page 1 Added green availability to features
Page 14 Added green indicator to ordering information
Page 1 & 14 Replaced old IDTTM with new IDTTM logo
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
6024 Silver Creek Valley Road
800-345-7015 or 408-284-8200
408-284-2794
San Jose, CA 95138
fax: 408-284-2775
DualPortHelp@idt.com
www.idt.com
08/25/06:
Page 11 Changed INT"A" to INT"B" in the CLEAR INT drawing in the Timing Waveform of Interrupt Mode
10/23/08:
Page 14 Removed "IDT" from orderable part number
01/25/10:
Page 4 In order to correct the DC Chars table for the 71V321/71V421L35 speed grade and the Data Retention Chars
table, I Temp values have been added to each table respectively. In addition, all of the AC Chars tables and the
ordering information also now reflect this I temp correction
Page 2 RemovedIDTinreferencetofabrication
Page 2 & 14 The package codes J52-1, PN64-1 & PP64-1 changed to J52, PN64 & PP64 respectively to match standard
packagecodes
Page 14 Added Tape and Reel indicator to Ordering Information
Page 1 -15 Removed 71V421S/L from the part number, in the pin configurations and throughout the datasheet
Page 1 - 15 Removed all references to Master/Slave throughout the datasheet
Page 1 -15 Updated the Com'l and Ind speeds for the 25/35/55ns offerings in Features , in the DC & AC Chars tables, in the
OrderingInformationandthroughoutthedatasheet
Page 13 Removed Width Expansion with Busy Logic Master/Slave Arrays diagram for part numbers 71V321/71V421S/ L
and updated with a Depth Expansion diagram for the single part number 71V321S/L
UpdatedthecorrespondingDepthExpansiondescriptivetextintheDepthExpansionsectionofthedatasheet
Product Discontinuation Notice - PDN# SP-17-02
Last time buy expires June 15, 2018
Page 2
Updated package codes J52 to PLG52, PP64 to PPG64 and PN64 to PNG64
Page 14 Added OrderablePartInformationtable
01/12/18:
10/14/15:
06/25/15:
07/23/19:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com