Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM330LHB Datasheet(PDF) 110 Page - STMicroelectronics

Part # ASM330LHB
Description  High-accuracy automotive 6-axis inertial module for car electronic control units
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHB Datasheet(HTML) 110 Page - STMicroelectronics

Back Button ASM330LHB Datasheet HTML 106Page - STMicroelectronics ASM330LHB Datasheet HTML 107Page - STMicroelectronics ASM330LHB Datasheet HTML 108Page - STMicroelectronics ASM330LHB Datasheet HTML 109Page - STMicroelectronics ASM330LHB Datasheet HTML 110Page - STMicroelectronics ASM330LHB Datasheet HTML 111Page - STMicroelectronics ASM330LHB Datasheet HTML 112Page - STMicroelectronics ASM330LHB Datasheet HTML 113Page - STMicroelectronics ASM330LHB Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 131 page
background image
11.46
MLC5_SRC (75h)
Machine learning core source register (R)
Table 241. MLC5_SRC register
MLC5_
SRC_7
MLC5_
SRC_6
MLC5_
SRC_5
MLC5_
SRC_4
MLC5_
SRC_3
MLC5_
SRC_2
MLC5_
SRC_1
MLC5_
SRC_0
Table 242. MLC5_SRC register description
MLC5_SRC_[7:0]
Output value of MLC5 decision tree
11.47
MLC6_SRC (76h)
Machine learning core source register (R)
Table 243. MLC6_SRC register
MLC6_
SRC_7
MLC6_
SRC_6
MLC6_
SRC_5
MLC6_
SRC_4
MLC6_
SRC_3
MLC6_
SRC_2
MLC6_
SRC_1
MLC6_
SRC_0
Table 244. MLC6_SRC register description
MLC6_SRC_[7:0]
Output value of MLC6 decision tree
11.48
MLC7_SRC (77h)
Machine learning core source register (R)
Table 245. MLC7_SRC register
MLC7_
SRC_7
MLC7_
SRC_6
MLC7_
SRC_5
MLC7_
SRC_4
MLC7_
SRC_3
MLC7_
SRC_2
MLC7_
SRC_1
MLC7_
SRC_0
Table 246. MLC7_SRC register description
MLC7_SRC_[7:0]
Output value of MLC7 decision tree
ASM330LHB
MLC5_SRC (75h)
DS13773 - Rev 7
page 110/131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com