Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM330LHB Datasheet(PDF) 111 Page - STMicroelectronics

Part # ASM330LHB
Description  High-accuracy automotive 6-axis inertial module for car electronic control units
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHB Datasheet(HTML) 111 Page - STMicroelectronics

Back Button ASM330LHB Datasheet HTML 107Page - STMicroelectronics ASM330LHB Datasheet HTML 108Page - STMicroelectronics ASM330LHB Datasheet HTML 109Page - STMicroelectronics ASM330LHB Datasheet HTML 110Page - STMicroelectronics ASM330LHB Datasheet HTML 111Page - STMicroelectronics ASM330LHB Datasheet HTML 112Page - STMicroelectronics ASM330LHB Datasheet HTML 113Page - STMicroelectronics ASM330LHB Datasheet HTML 114Page - STMicroelectronics ASM330LHB Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 131 page
background image
12
Embedded advanced features
The following table provides a list of the registers for the embedded advanced features page 1. These registers
are accessible when PAGE_SEL[3:0] are set to 0001 in PAGE_SEL (02h).
Table 247. Register address map - embedded advanced features page 1
Name
Type
Register address
Default
Comment
Hex
Binary
FSM_LC_TIMEOUT_L
R/W
7A
01111010
00000000
FSM_LC_TIMEOUT_H
R/W
7B
01111011
00000000
FSM_PROGRAMS
R/W
7C
01111100
00000000
FSM_START_ADD_L
R/W
7E
01111110
00000000
FSM_START_ADD_H
R/W
7F
01111111
00000000
Reserved registers must not be changed. Writing to those registers may cause permanent damage to the device.
The content of the registers that are loaded at boot should not be changed. They contain the factory calibration
values. Their content is automatically restored when the device is powered up.
Write procedure example:
Example: write value 01h in register at address 7Ch (FSM_PROGRAMS) in page 1
1. Write bit FUNC_CFG_EN = 1
in FUNC_CFG_ACCESS (01h)
// Enable access to embedded functions registers
2. Write bit PAGE_WRITE = 1
in PAGE_RW (17h) register
// Select write operation mode
3. Write 0001 in PAGE_SEL[3:0] field
of register PAGE_SEL (02h)
// Select page 1
4. Write 7Ch in PAGE_ADDR register (08h)
// Set address
5. Write 01h in PAGE_DATA register (09h)
// Set value to be written
6. Write bit PAGE_WRITE = 0
in PAGE_RW (17h) register
// Write operation disabled
7. Write bit FUNC_CFG_EN = 0
in FUNC_CFG_ACCESS (01h)
// Disable access to embedded functions registers
Read procedure example:
Example: read value of register at address 7Ch (FSM_PROGRAMS) in page 1
1. Write bit FUNC_CFG_EN = 1
in FUNC_CFG_ACCESS (01h)
// Enable access to embedded functions registers
2. Write bit PAGE_READ = 1
in PAGE_RW (17h) register
// Select read operation mode
3. Write 0001 in PAGE_SEL[3:0] field
of register PAGE_SEL (02h)
// Select page 1
4. Write 7Ch in PAGE_ADDR register (08h)
// Set address
5. Read value of PAGE_DATA register (09h)
// Get register value
6. Write bit PAGE_READ = 0
in PAGE_RW (17h) register
// Read operation disabled
7. Write bit FUNC_CFG_EN = 0
in FUNC_CFG_ACCESS (01h)
// Disable access to embedded functions registers
ASM330LHB
Embedded advanced features
DS13773 - Rev 7
page 111/131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com