Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-LPS Datasheet(PDF) 39 Page - STMicroelectronics

Part # BLUENRG-LPS
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-LPS Datasheet(HTML) 39 Page - STMicroelectronics

Back Button BLUENRG-LPS Datasheet HTML 35Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 36Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 37Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 38Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 39Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 40Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 41Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 42Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 67 page
background image
Table 19. Bluetooth Low Energy RF transmitter characteristics at 1 Mbps LE coded (S=8)
Symbol
Parameter
Test conditions
Min. Typ. Max.
Unit
PBW
6 dB bandwidth for modulated
carrier
Using resolution bandwidth of 100 kHz
500
-
-
kHz
PRF1, LE coded In-band emission at ±2 MHz(1)
Using resolution bandwidth of 100 kHz and
average detector
-
-46
-
dBm
PRF2, LE coded
In-band emission at ±[3+n]
MHz, where n=0,1,2..(1)
Using resolution bandwidth of 100 kHz and
average detector
-
-46
-
dBm
PSPUR
Spurious emission
Harmonics included. Using resolution
bandwidth of 1 MHz and average detector
-
-
-41
dBm
Freqdrift
Frequency drift(1)
Integration interval #n – integration interval
#0, where n=1,2,3..k
-50
-
+50
kHz
IFreqdrift
Initial carrier frequency drift(1)
Integration interval #3 – integration interval
#0
-19.2
-
+19.2
kHz
IntFreqdrift
Intermediate carrier frequency
drift(1)
Integration interval #n – integration interval
#(n-3), where n=7,8,9..k
-19.2
-
+19.2
kHz
DriftRatemax
Maximum drift rate(1)
Between any two 16-bit groups separated
by 48 µs
-19.2
-
+19.2
kHz/48
µs
ZRF1
Optimum RF load
(Impedance at RF1 pin)
@ 2440 MHz
-
40
-
Ω
1. Tested according to Bluetooth SIG radio frequency physical layer (RF PHY) test suite (not tested in production).
6.3.5
RF receiver characteristics
All performance data are referred to a 50 Ω antenna connector, via reference design.
Table 20. Bluetooth Low Energy RF receiver characteristics at 1 Msym/s uncoded
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
RXSENS
Sensitivity
PER < 30.8%
-
-97
-
dBm
PSAT
Saturation
PER < 30.8%
-
8
-
dBm
ZRF1
Optimum RF source
(impedance at RF1 pin)
@ 2440 MHz
-
40
-
Ω
RF selectivity with BLE equal modulation on interfering signal
C/ICO-channel
Co-channel interference
fRX = finterference
Wanted signal = -67 dBm, PER < 30.8%
-
8
-
dBc
C/I1 MHz
Adjacent interference
finterference = fRX ± 1 MHz
Wanted signal = -67 dBm, PER < 30.8%
-
-1
-
dBc
C/I2 MHz
Adjacent Interference
finterference = fRX ± 2 MHz
Wanted signal = -67 dBm, PER < 30.8%
-
-35
-
dBc
C/I3 MHz
Adjacent interference
finterference = fRX ± (3+n) MHz
[n = 0,1,2…]
Wanted signal = -67 dBm, PER < 30.8%
-
-47
-
dBc
C/IImage
Image frequency interference
finterference = fimage
Wanted signal = -67 dBm, PER < 30.8%
-
-25
-
dBc
C/IImage±1 MHz
Adjacent channel-to-image frequency
Wanted signal= -67 dBm, PER < 30.8%
-
-25
-
dBc
finterference = fimage ± 1 MHz
Out of band blocking (interfering signal CW)
BlueNRG-LPS
Operating conditions
DS13819 - Rev 4
page 39/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com