Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLT03-2Q3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # CLT03-2Q3
Description  Self powered digital input current limiter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLT03-2Q3 Datasheet(HTML) 3 Page - STMicroelectronics

  CLT03-2Q3 Datasheet HTML 1Page - STMicroelectronics CLT03-2Q3 Datasheet HTML 2Page - STMicroelectronics CLT03-2Q3 Datasheet HTML 3Page - STMicroelectronics CLT03-2Q3 Datasheet HTML 4Page - STMicroelectronics CLT03-2Q3 Datasheet HTML 5Page - STMicroelectronics CLT03-2Q3 Datasheet HTML 6Page - STMicroelectronics CLT03-2Q3 Datasheet HTML 7Page - STMicroelectronics CLT03-2Q3 Datasheet HTML 8Page - STMicroelectronics CLT03-2Q3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
2
Characteristics
2.1
Circuit block diagram
Figure 3. Channel diagram
2.2
Absolute maximum ratings
Stresses outside the absolute ratings range may cause permanent damage to the device. These are stress
ratings only and functional operation of the device at these conditions is not implied. Exposure to absolute rating
conditions for extended periods may affect device reliability.
Table 3. Absolute maximum ratings
Symbol
Parameter name
Value
Unit
VPP
Peak pulse voltage, HBM, MIL STD 883J-Method 3015.9
±2
kV
VPP (1)(2)
Peak pulse voltage (pins INA, INATTL & INB), IEC 61000-4-2 (contact)
±2
kV
VIN
Input voltage
-60 to +60
V
VISO
CLT03-2Q3: Isolation between channel 1 and 2
230
VAC
Tj
Junction temperature
-30 to +125
°C
TSTG
Storage temperature
-55 to +150
°C
1. See application schematic
2. Performance level depends on layout and environment
CLT03-2Q3, CLT03-1SC3
Characteristics
DS12302 - Rev 13
page 3/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com